Electronic Components Datasheet Search
  English  ▼

X  

THS3091 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091 Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS3091 Datasheet HTML 6Page - Texas Instruments THS3091 Datasheet HTML 7Page - Texas Instruments THS3091 Datasheet HTML 8Page - Texas Instruments THS3091 Datasheet HTML 9Page - Texas Instruments THS3091 Datasheet HTML 10Page - Texas Instruments THS3091 Datasheet HTML 11Page - Texas Instruments THS3091 Datasheet HTML 12Page - Texas Instruments THS3091 Datasheet HTML 13Page - Texas Instruments THS3091 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (
±15 V)
0
1
2
3
4
5
6
7
8
9
1 M
10 M
100 M
1 G
f − Frequency − Hz
Gain = 2,
RL =100 Ω,
VO = 200 mVPP,
VS = ±15 V
RF = 750 Ω
RF = 1.21 k Ω
RF = 1.21 kΩ
RF = 1.5 kΩ
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
G = 10, RF = 866 Ω
G = 5, RF = 1 kΩ
G = 2, RF = 1.21 kΩ
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
−4
−2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f − Frequency − Hz
G = −1, RF = 1.05 kΩ
G = −10, RF = 866 Ω
G = −5, RF = 909 Ω
G = −2, RF = 1 kΩ
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
−4
−2
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4 VPP,
RL = 100 Ω,
VS = ±15 V
G = −5, RF = 909 Ω
G = −2, RF = 1 kΩ
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4 VPP,
RL = 100 Ω,
VS = ±15 V
G = 5, RF = 1 kΩ
G = 2, RF = 1.21 kΩ
5.7
5.8
5.9
6
6.1
6.2
6.3
100 k
1 M
10 M
100 M
1 G
Gain = 2,
RF = 1.21 kΩ,
RL = 100 Ω,
VO = 200 mVPP,
VS = ±15 V
f - Frequency - Hz
−2
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
Gain = 5,
RL = 100 Ω,
VS =±15 V
R(ISO) = 38.3 Ω
CL = 10 pF
R(ISO) = 30.9 Ω
CL = 22 pF
R(ISO) = 22.1 Ω
CL = 47 pF
R(ISO) = 15.8 Ω
CL = 100 pF
f − Frequency − Hz
0
5
10
15
20
25
30
35
40
45
10
100
CL − Capacitive Load − pF
Gain = 5,
RL = 100 Ω,
VS = ±15 V
−90
−80
−70
−60
−50
−45
−40
1 M
10 M
100 M
f − Frequency − Hz
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.21 kΩ
100 k
−85
−75
−65
−55
VO = 2 VPP,
RL = 100 Ω,
VS = ±15 V
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
NONINVERTING SMALL-SIGNAL
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
0.1-dB GAIN FLATNESS
NONINVERTING LARGE-SIGNAL
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
RECOMMENDED RISO
2ND HARMONIC DISTORTION
CAPACITIVE LOAD
vs
vs
FREQUENCY RESPONSE
CAPTIVATE LOAD
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com