Electronic Components Datasheet Search
  English  ▼

X  

THS3091 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS3091
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3091 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS3091 Datasheet HTML 12Page - Texas Instruments THS3091 Datasheet HTML 13Page - Texas Instruments THS3091 Datasheet HTML 14Page - Texas Instruments THS3091 Datasheet HTML 15Page - Texas Instruments THS3091 Datasheet HTML 16Page - Texas Instruments THS3091 Datasheet HTML 17Page - Texas Instruments THS3091 Datasheet HTML 18Page - Texas Instruments THS3091 Datasheet HTML 19Page - Texas Instruments THS3091 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
−100
−90
−80
−70
−60
−50
−40
1 M
10 M
100 M
f − Frequency − Hz
VO = 2 VPP,
RL = 1 kΩ,
VS = ±5 V
100 k
G = 1, RF = 1.78 kΩ
G = 2, RF = 1.15 kΩ
-100
-90
-80
-70
-60
-40
-20
0
1
2
3
4
5
6
VO - Output Voltage Swing - VPP
HD2
HD3
-50
-30
Gain = 5,
RF = 1 kΩ
RL = 100 Ω,
f= 1 MHz
VS = ±5 V
−100
−90
−80
−70
−60
−40
−20
0
1
2
3
4
5
6
VO − Output Voltage Swing − VPP
HD2
HD3
−50
−30
Gain = 5,
RF = 1 kΩ
RL = 100 Ω,
f= 8 MHz
VS = ±5 V
0
200
400
600
800
1000
1200
1400
1600
0
1
2
3
4
5
VO − Output Voltage −VPP
Gain = 1
RL = 100 Ω
RF = 1.21 kΩ
VS = ±5 V
Fall
Rise
0
200
400
600
800
1000
1200
1400
1600
0 0.5
1
1.5
2
2.5
3 3.5
4
4.5
5
VO − Output Voltage −VPP
Gain = 1
RL = 100 Ω
RF = 1.78 kΩ
VS = ±5 V
Fall
Rise
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
VO - Output Voltage -VPP
Gain = 5
RL = 100 Ω
RF = 1 kΩ
VS = ±5 V
Fall
Rise
0
1
2
3
4
5
6
7
8
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
VS = ±5 V
IIB-
IIB+
IOS
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f − Frequency − Hz
VO = 4 VPP
VO = 2 VPP
Gain = 5
RF = 1 kΩ,
RL = 100 Ω,
VS = ±5 V
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
10
100
1000
RL - Load Resistance - Ω
VS = ±5 V
TA = -40 to 85°C
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
TYPICAL CHARACTERISTICS (
±5 V) (continued)
3RD HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 48.
Figure 49.
Figure 50.
SLEW RATE
SLEW RATE
SLEW RATE
vs
vs
vs
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
Figure 51.
Figure 52.
Figure 53.
INPUT BIAS AND
QUIESCENT CURRENT
OUTPUT VOLTAGE
OFFSET CURRENT
vs
vs
vs
FREQUENCY
LOAD RESISTANCE
CASE TEMPERATURE
Figure 54.
Figure 55.
Figure 56.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com