Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095D Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 14Page - Texas Instruments THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
APPLICATION INFORMATION
WIDEBAND, NONINVERTING OPERATION
_
+
THS3091
RF
1.21 k
Ω
49.9
Ω
0.1
µF
6.8
µF
−VS
−15 V
RG
50-
Ω Source
+
VI
0.1
µF
6.8
µF
+
+VS
15 V
1.21 k
Ω
49.9
Ω
50-
Ω LOAD
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
Current-feedback amplifiers are highly dependent on
the feedback resistor RF for maximum performance
The THS3091/5 are unity gain stable 235-MHz
and stability. Table 1 shows the optimal gain-setting
current-feedback operational amplifiers, designed to
resistors RF and RG at different gains to give
operate from a
±5-V to ±15-V power supply.
maximum bandwidth with minimal peaking in the
Figure 59 shows the THS3091 in a noninverting gain
frequency response. Higher bandwidths can be
of 2-V/V configuration typically used to generate the
achieved, at the expense of added peaking in the
performance
curves.
Most
of
the
curves
were
frequency response, by using even lower values for
characterized using signal sources with 50-
Ω source
RF.
Conversely,
increasing
RF
decreases
the
impedance,
and
with
measurement
equipment
bandwidth, but stability is improved.
presenting a 50-
Ω load impedance.
Table 1. Recommended Resistor Values for
Optimum Frequency Response
THS3091 and THS3095 RF and RG values for minimal peaking
with RL = 100 Ω
SUPPLY VOLTAGE
GAIN (V/V)
RG (Ω)
RF (Ω)
(V)
±15
–
1.78 k
1
±5
–
1.78 k
±15
1.21 k
1.21 k
2
±5
1.15 k
1.15 k
±15
249
1 k
5
±5
249
1 k
±15
95.3
866
10
±5
95.3
866
–1
±15 and ±5
1.05 k
1.05 k
Figure 59. Wideband, Noninverting Gain
–2
±15 and ±5
499
1 k
Configuration
–5
±15 and ±5
182
909
–10
±15 and ±5
86.6
866
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com