Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095D Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments THS3095D Datasheet HTML 24Page - Texas Instruments THS3095D Datasheet HTML 25Page - Texas Instruments THS3095D Datasheet HTML 26Page - Texas Instruments THS3095D Datasheet HTML 27Page - Texas Instruments THS3095D Datasheet HTML 28Page - Texas Instruments THS3095D Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
www.ti.com
DESIGN TOOLS
Evaluation
Fixtures,
Spice
Models,
and
4
3.5
3
2.5
2
1.5
1
0.5
0
−40
−20
0
20
40
60
80
100
TA − Free-Air Temperature − °C
Results are With No Air Flow and PCB Size = 3”x 3”
θJA = 45.8°C/W for 8-Pin SOIC w/PowerPAD (DDA)
θJA = 58.4°C/W for 8-Pin MSOP w/PowerPAD (DGN)
θJA = 95°C/W for 8-Pin SOIC High−K Test PCB (D)
θJA = 158°C/W for 8-Pin MSOP w/PowerPAD w/o Solder
θJA = 58.4°C/W
θJA = 95°C/W
θJA = 158°C/W
ΤJ = 125°C
θJA = 45.8°C/W
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
Application Support
Texas Instruments is committed to providing its
customers with the highest quality of applications
support. To support this goal, an evaluation board
has been developed for the THS3091/5 operational
amplifier. The board is easy to use, allowing for
straightforward evaluation of the device. The evalu-
ation board can be ordered through the Texas
Instruments Web site, www.ti.com, or through your
local Texas Instruments sales representative.
Computer simulation of circuit performance using
SPICE is often useful when analyzing the perform-
ance of analog circuits and systems. This is particu-
larly true for video and RF-amplifier circuits where
parasitic capacitance and inductance can have a
major effect on circuit performance. A SPICE model
for the THS3091/5 is available through the Texas
Instruments Web site (www.ti.com). The Product
Figure 73. Maximum Power Distribution vs
Information Center (PIC) is also available for design
Ambient Temperature
assistance and detailed product information. These
models do a good job of predicting small-signal ac
When determining whether or not the device satisfies
and transient performance under a wide variety of
the maximum power dissipation requirement, it is
operating conditions. They are not intended to model
important to consider not only quiescent power
the distortion characteristics of the amplifier, nor do
dissipation, but also dynamic power dissipation. Often
they attempt to distinguish between the package
times, this is difficult to quantify because the signal
types in their small-signal ac performance. Detailed
pattern is inconsistent, but an estimate of the RMS
information about what is and is not modeled is
power dissipation can provide visibility into a possible
contained in the model file itself.
problem.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com