Electronic Components Datasheet Search
  English  ▼

X  

THS3095D Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095D
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3095D Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS3095D Datasheet HTML 15Page - Texas Instruments THS3095D Datasheet HTML 16Page - Texas Instruments THS3095D Datasheet HTML 17Page - Texas Instruments THS3095D Datasheet HTML 18Page - Texas Instruments THS3095D Datasheet HTML 19Page - Texas Instruments THS3095D Datasheet HTML 20Page - Texas Instruments THS3095D Datasheet HTML 21Page - Texas Instruments THS3095D Datasheet HTML 22Page - Texas Instruments THS3095D Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.ti.com
WIDEBAND, INVERTING OPERATION
_
+
THS3091
49.9
Ω
50-
Ω Source
VI
+VS
RF
1.21 k
Ω
RG
1.21 k
Ω
+VS
2
+VS
2
_
+
THS3091
499
Ω
50-
Ω Source
VI
VS
RF
1 k
Ω
+VS
2
+VS
2
56.2
Ω
RG
RT
RT
49.9
Ω
49.9
Ω
50-
Ω LOAD
50-
Ω LOAD
_
+
THS3091
RG
499
Ω
0.1
µF
6.8
µF
−VS
−15 V
50-
Ω Source
+
VI
0.1
µF
6.8
µF
+
+VS
15 V
RF
1 k
Ω
RM
56.2
Ω
49.9
Ω
50-
Ω LOAD
Video Distribution
SINGLE-SUPPLY OPERATION
+
−
75
Ω
75
Ω
75
Ω
75
Ω
75
Ω
n Lines
VO(1)
VO(n)
75-
Ω Transmission Line
VI
1.21 k
Ω
1.21 k
Ω
−15 V
15 V
THS3091
THS3095
SLOS423C – SEPTEMBER 2003 – REVISED AUGUST 2004
Figure 60 shows the THS3091 in a typical inverting
gain
configuration
where
the
input
and
output
impedances and signal gain from Figure 59 are
retained in an inverting circuit configuration.
Figure 61. DC-Coupled, Single-Supply Operation
Figure 60. Wideband, Inverting Gain
Configuration
The wide bandwidth, high slew rate, and high output
drive current of the THS3091/5 matches the demands
The THS3091/5 have the capability to operate from a
for video distribution for delivering video signals down
single-supply voltage ranging from 10 V to 30 V.
multiple cables. To ensure high signal quality with
When operating from a single power supply, biasing
minimal degradation of performance, a 0.1-dB gain
the input and output at mid-supply allows for the
flatness
should
be
at
least
7x
the
passband
maximum output voltage swing. The circuits shown in
frequency to minimize group delay variations from the
Figure 61 show inverting and noninverting amplifiers
amplifier. A high slew rate minimizes distortion of the
configured for single-supply operations.
video signal, and supports component video and
RGB video signals that require fast transition times
and fast settling times for high signal quality.
Figure 62. Video Distribution Amplifier
Application
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com