Electronic Components Datasheet Search
  English  ▼

X  

DS3885V Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3885V
Description  BTL Arbitration Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3885V Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS3885V Datasheet HTML 1Page - National Semiconductor (TI) DS3885V Datasheet HTML 2Page - National Semiconductor (TI) DS3885V Datasheet HTML 3Page - National Semiconductor (TI) DS3885V Datasheet HTML 4Page - National Semiconductor (TI) DS3885V Datasheet HTML 5Page - National Semiconductor (TI) DS3885V Datasheet HTML 6Page - National Semiconductor (TI) DS3885V Datasheet HTML 7Page - National Semiconductor (TI) DS3885V Datasheet HTML 8Page - National Semiconductor (TI) DS3885V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
65V
Control Input Voltage
65V
Driver Input and Receiver Output
55V
Receiver Input Current
g
15 mA
Bus Termination Voltage
24V
Power Dissipation at 25 C
PLCC
25W
PQFP
13W
Derate PLCC Package
20 mW C
Derate PQFP Package
111 mW C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 sec)
260 C
Recommended
Operating Conditions
Min
Max
Units
Supply Voltage VCC
45
55
V
Bus Termination Voltage (VT)
206
214
V
Operating Free Air Temperature
0
70
C
DC Electrical Characteristics (Notes 2 and 3) TA e 0 Cto a70 C VCC e 5V g10%
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER AND CONTROL INPUT
(CNn CNP CN
LE CMPT and AB
RE)
VIH
Minimum Input High Voltage
20
V
VIL
Maximum Input Low Voltage
08
V
II
Input Leakage Current
VIN e VCC e 55V
100
m
A
IIH
Input High Current
VIN e 24V
40
m
A
IIL
Input Low Current
VIN e 05V
b
100
m
A
VCL
Input Diode Clamp Voltage
ICLAMP eb12 mA
b
12
V
DRIVER OUTPUTRECEIVER INPUT
(ABn and ABP)
VOLB
Output Low Bus Voltage
CNn e AB
RE e 24V CN
LE e CMPT e 05V
075
10
11
V
(Note 5)
IOL e 80 mA
IOLBZ
Output Low Bus Current
CMPT e AB
RE e 24V ABn e 075V
b
100
m
A
IOHBZ
Output High Bus Current
CMPT e AB
RE e 24V ABn e 21V
100
m
A
VTH
Receiver Input Threshold
147
155
162
V
VCLP
Positive Clamp Voltage
VCC e Max or 0V IABn e 1 mA
24
34
45
V
VCC e Max or 0V IABn e 10 mA
29
39
50
V
VCLN
Negative Clamp Voltage
ICLAMP eb12 mA
b
12
V
RECEIVER OUTPUT
(CNn CNP ALL1 PER and WIN
GT)
VOH
Voltage Output High
ABn e 11V AB
RE e 05V
24
32
V
CMPT e CN
LE e 24V IOH eb2mA
VOL
Voltage Output Low
ABn e 21V AB
RE e 05V
035
05
V
CMPT e CN
LE e 24V IOL e 24 mA
ABn e 21V AB
RE e 05V
030
04
V
CMPT e CN
LE e 24V IOL e 8mA
IOZ
TRI-STATE Leakge Current
CNn e CNP e 24V e 24V AB
RE e 24V
40
m
A
CNn e CNP e 05V AB
RE e 24V
b
100
m
A
IOS
Output Short Circuit Current
ABn e 11V AB
RE e 05V
b
40
b
70
b
100
mA
CMPT e CN
LE e 24V (Note 4)
SUPPLY CURRENT
ICC
Supply Current Includes VCC
CMPT e CN
LE e 05V All CNn e AB
RE e 24V
75
100
mA
QVCC and LI
CMPT e CN
LE e AB
RE e 24V
26
40
mA
ILI
Live Insertion Current
CMPT e AB
RE e CNn e 24V CN
LE e 05V
15
3
mA
CMPT e CN
LE e 05V All CNn e AB
RE e 24
3
5
mA
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com