Electronic Components Datasheet Search
  English  ▼

X  

DS3885V Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3885V
Description  BTL Arbitration Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3885V Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS3885V Datasheet HTML 1Page - National Semiconductor (TI) DS3885V Datasheet HTML 2Page - National Semiconductor (TI) DS3885V Datasheet HTML 3Page - National Semiconductor (TI) DS3885V Datasheet HTML 4Page - National Semiconductor (TI) DS3885V Datasheet HTML 5Page - National Semiconductor (TI) DS3885V Datasheet HTML 6Page - National Semiconductor (TI) DS3885V Datasheet HTML 7Page - National Semiconductor (TI) DS3885V Datasheet HTML 8Page - National Semiconductor (TI) DS3885V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
General Description (Continued)
ductor then developed by the IEEE to enhance the per-
formance of backplane buses BTL compatible transceivers
feature low output capacitance drivers to minimize bus load-
ing a 1V nominal signal swing for reduced power consump-
tion and receivers with precision thresholds for maximum
noise immunity BTL eliminates settling time delays that se-
verely limit TTL bus performance and thus provide signifi-
cantly higher bus transfer rates The backplane bus is in-
tended to be operated with termination resistors (selected
to match the bus impedance) connected to 21V at both
ends The low voltage is typically 1V
Separate ground pins are provided for each BTL output to
minimize induced ground noise during simultaneous switch-
ing
The transceiver’s control and driver inputs are designed
with high impedance PNP input structures and are fully TTL
compatible
The receiver is a high speed comparator that utilizes a
bandgap reference for precision threshold control allowing
maximum noise immunity to the BTL 1V signaling level
Separate QVCC and QGND pins are provided to minimize
the effects of high current switching noise The output is
TRI-STATE
and fully TTL compatible
The signals abk70l designate the arbitration bus number
which this transceiver places on the bus The signal names
ABk70l designate the open collector Wired-OR signals
on the backplane bus
The DS3885 implements an odd parity check on the arbitra-
tion bus bits ABk70l with ABP being the parity bit The
signal PER will indicate the parity check result For a quick
indication of current bus conditions the bus status block
generates ALL1 (all asserted) status when all bits
(ABk70l) are asserted by any module This signal is used
by the DS3875 Arbitration Controller to detect the Arbitra-
tion message number (during phase 1) or the powerfail mes-
sage number (during phase 2)
To latch the arbitration number into the transceiver it is
placed onto the CNk70l port and the CN
LE signal is
asserted When the CMPT signal is asserted the arbitration
number is placed on the bus lines ABk70l The WIN
GT
signal serves two purposes during the arbitration cycle If
the CMPT signal is not asserted during the arbitration cycle
the transceiver compares its internally latched number to
the number on the ABk70l bus lines If the internal num-
ber on the transceiver is greater than or equal to the number
on the ABk70l lines the WIN
GT signal is asserted
However if the CMPT signal is asserted the transceiver
participates in the competition If the transceiver wins the
arbitration the WIN
GT signal is asserted to confirm the
winning The AB
RE signal is used to enable the on-chip
receiver outputs
The DS3885 supports live insertion as defined in IEEE
8962 through the LI (Live Insertion) pin To implement live
insertion the LI pin should be connected to the live insertion
power connector If this function is not supported the LI pin
must be tied to the VCC pin The DS3885 also provides
glitch free power-updown protection during power se-
quencing
The DS3885 has two types of power connections in addition
to the LI pin They are the Logic VCC (VCC) and the Quiet
VCC (QVCC) There are two VCC pins on the DS3885 that
provide the supply voltage for the logic and control circuitry
Multiple power pins reduce the effects of package induc-
tance and thereby minimize switching noise As these pins
are common to the VCC bus internal to the device a voltage
difference should never exist between these pins and the
voltage difference between VCC and QVCC should never
exceed g05V because of ESD circuitry
Additionally the ESD circuitry between the VCC pins and all
other pins except for BTL IO’s and LI pins requires that any
voltage on these pins should not exceed the voltage on VCC
a
05V
There are three different types of ground pins on the
DS3885 They are the logic ground (GND) BTL grounds
(AB0GND – AB7GNDABPGND) and the Bandgap refer-
ence ground (QGND) All of these reference pins are isolat-
ed within the chip to minimize the effects of high current
switching transients For optimum performance the QGND
should be returned to the connector through a quiet channel
that does not carry transient switching current The GND
and AB0GND – AB7GNDABPGND should be connected to
the nearest backplane ground pin with the shortest possible
path
Since many different grounding schemes could be imple-
mented and ESD circuitry exists on the DS3885 it is impor-
tant to note that any voltage difference between ground
pins QGND GND or AB0GND – AB7GND and ABPGND
should not exceed g05V including power-updown se-
quencing
Three additional transceivers are included in the Future-
busa family They are the DS3883A BTL 9-bit Transceiver
The DS3884A BTL Handshake Transceiver features select-
able Wired-OR glitch filtering The DS3886A BTL 9-bit
Latching Data Transceiver contains edge triggered latches
in the driver which may be bypassed during a fall-through
mode In addition the device contains a transparent latch in
the receiver section
The DS3875 Arbitration Controller included in the Future-
busa family supports all the required and optional modes
for Futurebusa arbitration protocol It is designed to be
used in conjunction with the DS3884A and DS3885 trans-
ceivers
The LOGICAL INTERFACE FUTUREBUSa ENGINE (LIFE)
is a high performance Futurebusa Protocol Controller de-
signed for IEEE 8961 The LIFE will handle all handshaking
signals between the Futurebusa and the local bus inter-
face The Protocol Controller supports the Futurebusa
compelled mode data transfer as both master and slave
The Protocol Controller can be configured to operate in
compliance to IEEE 8962 Profile B mode The LIFE incor-
porates a DMA controller and 64-bit FIFO’s for fast queuing
All of the transceivers are offered in 44-pin PLCC and PQFP
high density package styles
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com