Electronic Components Datasheet Search
  English  ▼

X  

DS3885V Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3885V
Description  BTL Arbitration Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3885V Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS3885V Datasheet HTML 1Page - National Semiconductor (TI) DS3885V Datasheet HTML 2Page - National Semiconductor (TI) DS3885V Datasheet HTML 3Page - National Semiconductor (TI) DS3885V Datasheet HTML 4Page - National Semiconductor (TI) DS3885V Datasheet HTML 5Page - National Semiconductor (TI) DS3885V Datasheet HTML 6Page - National Semiconductor (TI) DS3885V Datasheet HTML 7Page - National Semiconductor (TI) DS3885V Datasheet HTML 8Page - National Semiconductor (TI) DS3885V Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
DC Electrical Characteristics (Notes 2 and 3) TA e 0 Cto a70 C VCC e 5V g10% (Continued)
Note 1
Absolute Maximum Ratings are those beyond which the safety of the device cannot be guaranteed They are not meant to imply that the device should be
operated at these limits The tables of ‘‘Electrical Characteristics’’ provide conditions for actual device operation
Note 2
All input andor output pins shall not exceed VCC a 05V and shall not exceed the absolute maximum rating at any time including power-up and power-
down This prevents the ESD structure from being damaged due to excessive currents flowing from the input andor output pins to QVCC and VCC There is a diode
between each input andor output to VCC which is forward biased when incorrect sequencing is applied LI and Bn pins do not have power sequencing
requirements with respect to VCC and QVCC
Note 3
All currents into device pins are positive all currents out of device pins are negative All voltages are referenced to device ground unless otherwise
specified All typical values are specified under these conditions VCC e 5V and TA e 25 C unless otherwise stated
Note 4
Only one output should be shorted at a time and duration of the short not to exceed one second
Note 5
Referenced to appropriate signal ground Do not exceed maximum power dissipation of package
AC Electrical Characteristics TA e 0 Cto a70 C VCC e 5V g10% (Note 6)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER
(
Figures 1 and 2 )
tPHL
CN
LE to AB7
Propagation Delay
CMPT e 0V AB
RE e 3V
7
13
18
ns
tPLH
610
17
ns
tr
Transition TimeRiseFall
AB
RE e 3V CMPT e CN
LE e 03
ns
tf
20% to 80%
AB
RE e 3V CMPT e CN
LE e 01
ns
DRIVER TIMING REQUIREMENTS
(
Figures 1 and 2 )
tS
CNn to CN
LE
Set-Up Time
AB
RE e 3V CMPT e 0V
9
ns
tH
CN
LE to CNn
Hold Time
AB
RE e 3V CMPT e 0V
0
ns
tPW
CN
LE Pulse Width
AB
RE e 3V CMPT e 0V
15
ns
RECEIVER
tPHL
ABn to CNn
Propagation Delay
AB
RE e 0V CMPT e CN
LE e 3V
5
13
22
ns
tPLH
(
Figures 4 and 5 )
315
23
ns
tPLZ
AB
RE to CNn
Disable Time
CMPT e CN
LE e 3V ABn e 21V
3
6
11
ns
tPZL
Enable Time
(
Figures 6 and 7 )
5
9
13
ns
tPHZ
Disable Time
CMPT e CN
LE e 3V ABn e 11V
4
7
12
ns
tPZH
Enable Time
(
Figures 6 and 7 )
3
6
11
ns
OTHERS
tPHL
AB0 to ALL1
Propagation Delay
AB k71l e 11V
7
16
28
ns
tPLH
All Asserted Condition
(
Figures 4 and 8 )
716
26
ns
tPHL
AB0 to WIN
GT
Propagation Delay
CMPT e CN
LE e 0V AB
RE e 3V
6
14
23
ns
tPLH
Win Condition
CN k70l e 0V
614
23
ns
ABk70l e 21V
(
Figures 4 and 9 )
tPHL
AB0 to WIN
GT
Propagation Delay
CMPT e AB
RE e 3V CN
LE e 0V
6
16
27
ns
tPLH
Greater Than Condition
CN k71l e 0V CN0 e 3V
616
26
ns
ABk70l e 21V
(
Figures 4 and 9 )
tPHL
ABP to PER
Propagation Delay
CMPT e CN
LE e AB
RE e 3V
6
13
23
ns
tPLH
Parity Error Condition
AB k71l e 11V AB0 e 21V
413
23
ns
(
Figures 4 and 8 )
tPHL
ABn to AB knb1l Propagation Delay
CMPT e CN
LE e 0V AB
RE e 3V
512
22
ns
CNn e 0V CN knb1l e 3V
tPLH
CN k7na1l e 0V AB k7na1l e 21V
513
23
ns
(
Figures 1 and 10 )
tPHL
CMPT to AB7
Propagation Delay
CN
LE e 0V AB
RE e CN7 e 3V
4
8
14
ns
tPLH
(
Figures 1 and 3 )
5
9
16
ns
tPHL
AB7 to ABP
Propagation Delay
CMPT e CN
LE e 0V AB
RE e CNP e 3V
36
60
ns
tPLH
CN k70l e 0V (
Figures 1 and 10 )
36
60
ns
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com