Electronic Components Datasheet Search
  English  ▼

X  

MSP430F413 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F413
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F413 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F413 Datasheet HTML 1Page - Texas Instruments MSP430F413 Datasheet HTML 2Page - Texas Instruments MSP430F413 Datasheet HTML 3Page - Texas Instruments MSP430F413 Datasheet HTML 4Page - Texas Instruments MSP430F413 Datasheet HTML 5Page - Texas Instruments MSP430F413 Datasheet HTML 6Page - Texas Instruments MSP430F413 Datasheet HTML 7Page - Texas Instruments MSP430F413 Datasheet HTML 8Page - Texas Instruments MSP430F413 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V . . . 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 200
µA at 1 MHz, 2.2 V
− Standby Mode: 0.7
µA
− Off Mode (RAM Retention): 0.1
µA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in less
than 6
µs
D Frequency-Locked Loop, FLL+
D 16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
D 16-Bit Timer_A With Three† or Five‡
Capture/Compare Registers
D Integrated LCD Driver for 96 Segments
D On-Chip Comparator
D Brownout Detector
D Supply Voltage Supervisor/Monitor -
Programmable Level Detection on
MSP430F415/417 devices only
† ’x412 and ’x413 devices
‡ ’F415 and ’F417 devices
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Bootstrap Loader in Flash Devices
D Family Members Include:
− MSP430C412: 4KB ROM, 256B RAM
− MSP430C413: 8KB ROM, 256B RAM
− MSP430F412: 4KB + 256B Flash
256B RAM
− MSP430F413: 8KB + 256B Flash
256B RAM
− MSP430F415: 16KB + 256B Flash
512B RAM
− MSP430F417: 32KB + 256B Flash
1KB RAM
D Available in 64-Pin Quad Flat Pack (QFP)
and 64-pin QFN
D For Complete Module Descriptions, Refer
to the MSP430x4xx Family User’s Guide,
Literature Number SLAU056
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430x41x series are microcontroller configurations with one or two built-in 16-bit timers, a comparator,
96 LCD segment drive capability, and 48 I/O pins.
Typical applications include sensor systems that capture analog signals, convert them to digital values, and
process the data and transmit them to a host system. The comparator and timer make the configurations ideal
for industrial meters, counter applications, handheld meters, etc.
AVAILABLE OPTIONS
TA
PACKAGED DEVICES
TA
PLASTIC 64-PIN QFP (PM)
PLASTIC 64-PIN QFN (RTD)
−40
°C to 85°C
MSP430C412IPM
MSP430C413IPM
MSP430F412IPM
MSP430F413IPM
MSP430F415IPM
MSP430F417IPM
MSP430C412IRTD§
MSP430C413IRTD§
MSP430F412IRTD
MSP430F413IRTD
MSP430F415IRTD§
MSP430F417IRTD§
§ Preliminary
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2001 − 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - MSP430F413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F413 TI1-MSP430F413 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4132 TI1-MSP430F4132 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F4132IPM TI-MSP430F4132IPM Datasheet
1Mb / 82P
MIXED SIGNAL MICROCONTROLLER
MSP430F4132IPM TI1-MSP430F4132IPM Datasheet
1Mb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F4132IPM TI2-MSP430F4132IPM Datasheet
2Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
More results

Similar Description - MSP430F413

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com