Electronic Components Datasheet Search
  English  ▼

X  

MSP430F413 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F413
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F413 Datasheet(HTML) 14 Page - Texas Instruments

Back Button MSP430F413 Datasheet HTML 10Page - Texas Instruments MSP430F413 Datasheet HTML 11Page - Texas Instruments MSP430F413 Datasheet HTML 12Page - Texas Instruments MSP430F413 Datasheet HTML 13Page - Texas Instruments MSP430F413 Datasheet HTML 14Page - Texas Instruments MSP430F413 Datasheet HTML 15Page - Texas Instruments MSP430F413 Datasheet HTML 16Page - Texas Instruments MSP430F413 Datasheet HTML 17Page - Texas Instruments MSP430F413 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
flash memory
The flash memory can be programmed via the JTAG port, the bootstrap loader, or in-system by the CPU. The
CPU can perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
D Flash memory has n segments of main memory and two segments of information memory (A and B) of 128
bytes each. Each segment in main memory is 512 bytes in size.
D Segments 0 to n may be erased in one step, or each segment may be individually erased.
D Segments A and B can be erased individually, or as a group with segments 0−n.
Segments A and B are also called information memory.
D New devices may have some bytes programmed in the information memory (needed for test during
manufacturing). The user should perform an erase of the information memory prior to the first use.
Segment 0
With Interrupt Vectors
Segment 1
Segment 2
Segment n−1
Segment n
32KB
Segment A
Segment B
Main Memory
Information Memory
0FFFFh
0FA00h
0FE00h
0FDFFh
0FC00h
0FBFFh
0F9FFh
08400h
083FFh
08200h
081FFh
01000h
010FFh
08000h
01080h
0107Fh
16KB
0FFFFh
0FA00h
0FE00h
0FDFFh
0FC00h
0FBFFh
0F9FFh
0C400h
0C3FFh
0C200h
0C1FFh
01000h
010FFh
0C000h
01080h
0107Fh
8KB
0FFFFh
0FA00h
0FE00h
0FDFFh
0FC00h
0FBFFh
0F9FFh
0E400h
0E3FFh
0E200h
0E1FFh
01000h
010FFh
0E000h
01080h
0107Fh
4KB
0FFFFh
0FA00h
0FE00h
0FDFFh
0FC00h
0FBFFh
0F9FFh
0F400h
0F3FFh
0F200h
0F1FFh
01000h
010FFh
0F000h
01080h
0107Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com