Electronic Components Datasheet Search
  English  ▼

X  

MSP430F413 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F413
Description  MIXED SIGNAL MICROCONTROLLER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F413 Datasheet(HTML) 33 Page - Texas Instruments

Back Button MSP430F413 Datasheet HTML 29Page - Texas Instruments MSP430F413 Datasheet HTML 30Page - Texas Instruments MSP430F413 Datasheet HTML 31Page - Texas Instruments MSP430F413 Datasheet HTML 32Page - Texas Instruments MSP430F413 Datasheet HTML 33Page - Texas Instruments MSP430F413 Datasheet HTML 34Page - Texas Instruments MSP430F413 Datasheet HTML 35Page - Texas Instruments MSP430F413 Datasheet HTML 36Page - Texas Instruments MSP430F413 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
MSP430x41x
MIXED SIGNAL MICROCONTROLLER
SLAS340G − MAY 2001 − REVISED JUNE 2004
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature (unless otherwise
noted) (continued)
VCC(start)
VCC
V(B_IT−)
Brownout
Region
V(SVSstart)
V
Software Sets VLD>0:SVS is Active
Undefined
0
1
Brownout
0
1
0
1
Set POR
Brownout
Region
SVS Circuit is Active From VLD > to VCC < V(B_IT−)
SVS out
Vhys(SVS_IT−)
Vhys(B_IT−)
td(BOR)
td(SVSon)
td(SVSR)
td(BOR)
(SVS_IT−)
Figure 17. SVS Reset (SVSR) vs Supply Voltage
VCC(min)
0
0.5
1
1.5
2
1 ns
1 ns
tpw − Pulse Width − µs
1
10
1000
tf
tr
t − Pulse Width −
µs
100
tf = tr
Rectangular Drop
Triangular Drop
3 V
VCC
tpw
3 V
VCC
tpw
VCC(min)
Figure 18. VCC(min) With a Square Voltage Drop and a Triangle Voltage Drop to Generate an SVS Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com