Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS442 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 17Page - Texas Instruments TMDS442 Datasheet HTML 18Page - Texas Instruments TMDS442 Datasheet HTML 19Page - Texas Instruments TMDS442 Datasheet HTML 20Page - Texas Instruments TMDS442 Datasheet HTML 21Page - Texas Instruments TMDS442 Datasheet HTML 22Page - Texas Instruments TMDS442 Datasheet HTML 23Page - Texas Instruments TMDS442 Datasheet HTML 24Page - Texas Instruments TMDS442 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
www.ti.com
Cable A
Data
Clock
Data
Clock
@ TP1
@ TP2
@TP3PRE=LOW@TP4PRE=HIGH
EyePattern
1m
5m
1m
1m
CableB
Video
Format
Generator
TMDS442 TestBoard
TMDS
442
TP1
TP2
TP3
HDMICable
A
HDMICable
B
TP4
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
TYPICAL CHARACTERISTICS (continued)
Figure 22. Eye Patterns at 148.5-MHz Pixel Clock
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com