Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS442 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 8Page - Texas Instruments TMDS442 Datasheet HTML 9Page - Texas Instruments TMDS442 Datasheet HTML 10Page - Texas Instruments TMDS442 Datasheet HTML 11Page - Texas Instruments TMDS442 Datasheet HTML 12Page - Texas Instruments TMDS442 Datasheet HTML 13Page - Texas Instruments TMDS442 Datasheet HTML 14Page - Texas Instruments TMDS442 Datasheet HTML 15Page - Texas Instruments TMDS442 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
tw(H)
tw(L)
tr
tf
tsu(1)
th(1)
SCL
SDA
tsu(2)
th(2)
tsu(3)
t(buf)
SCL
SDA
StartCondition
StopCondition
TMDS
Driver
AVcc
RT
RT
TMDS
Receiver
ZO = RT
ZO = RT
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
A.
tr and tf are measured at 20% - 80% refered to VIHmin and VILmax levels.
Figure 1. SCL and SDA Timing
Figure 2. Start and Stop Conditions
Figure 3. Typical Termination for TMDS Output Driver
12
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com