Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMDS442 Datasheet(HTML) 3 Page - Texas Instruments

  TMDS442 Datasheet HTML 1Page - Texas Instruments TMDS442 Datasheet HTML 2Page - Texas Instruments TMDS442 Datasheet HTML 3Page - Texas Instruments TMDS442 Datasheet HTML 4Page - Texas Instruments TMDS442 Datasheet HTML 5Page - Texas Instruments TMDS442 Datasheet HTML 6Page - Texas Instruments TMDS442 Datasheet HTML 7Page - Texas Instruments TMDS442 Datasheet HTML 8Page - Texas Instruments TMDS442 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
www.ti.com
Quad
Terminated
TMDSRx
withEQ
Quad
Terminated
TMDSRx
withEQ
Quad
Terminated
TMDSRx
withEQ
A14
B14
A13
B13
A12
B12
A11
B11
A24
B24
A23
B23
A22
B22
A21
B21
A34
B34
A33
B33
A32
B32
A31
B31
HPD1
HPD2
HPD3
HPD4
SCL1
SDA1
SCL2
SDA2
SCL3
SDA3
SCL_SINK1
SDA_SINK1
HPD_SINK1
HPD_SINK2
Quad
TMDS Tx
VSADJ
Y14
Z14
Y13
Z13
Y12
Z12
Y11
Z11
4-to-2
MUX
Quad
Terminated
TMDSRx
withEQ
A44
B44
A43
B43
A42
B42
A41
B41
Quad
TMDS Tx
Y24
Z24
Y23
Z23
Y22
Z22
Y21
Z21
SCL4
SDA4
SCL_SINK2
SDA_SINK2
5V_PWR1
5V_PWR2
5V_PWR3
5V_PWR4
LC_SCL
LC_SDA
LC_A0
LC_A1
SA1
SB1
SA2
SB2
Dual
4-to-1
MUX
GE
ControlLogic
PRE1
OE1
I CEN1
2
SA1
SB1
x
x
x
PRE2
OE2
I CEN2
2
SA2
SB2
x
x
x
5V_
PWR3
5V_
PWR2
5V_
PWR1
5V_
PWR4
x
SP
5V_EN
x
5V_SINK1
5V_SINK2
PRE1 OE1
PRE2 OE2
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com