Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461
Description  High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 Datasheet(HTML) 4 Page - Texas Instruments

  TMP461 Datasheet HTML 1Page - Texas Instruments TMP461 Datasheet HTML 2Page - Texas Instruments TMP461 Datasheet HTML 3Page - Texas Instruments TMP461 Datasheet HTML 4Page - Texas Instruments TMP461 Datasheet HTML 5Page - Texas Instruments TMP461 Datasheet HTML 6Page - Texas Instruments TMP461 Datasheet HTML 7Page - Texas Instruments TMP461 Datasheet HTML 8Page - Texas Instruments TMP461 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
TMP461
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Power supply
V+
–0.3
6
V
Input voltage
THERM, ALERT/THERM2, SDA and SCL only
–0.3
6
V
D+, A0, A1
–0.3
(V+) + 0.3
D– only
–0.3
0.3
Input current
10
mA
Operating temperature
–55
150
°C
Junction temperature (TJ max)
150
°C
Storage temperature, Tstg
–60
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), JEDEC specification JESD22-C101(2)
±1000
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V+
Supply voltage
1.7
3.3
3.6
V
TA
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Thermal Information
THERMAL METRIC(1)
TMP461
UNIT
RUN (WQFN)
10 PINS
RθJA
Junction-to-ambient thermal resistance
123.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.1
°C/W
RθJB
Junction-to-board thermal resistance
78.1
°C/W
ψJT
Junction-to-top characterization parameter
4.6
°C/W
ψJB
Junction-to-board characterization parameter
78.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com