Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461
Description  High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments TMP461 Datasheet HTML 17Page - Texas Instruments TMP461 Datasheet HTML 18Page - Texas Instruments TMP461 Datasheet HTML 19Page - Texas Instruments TMP461 Datasheet HTML 20Page - Texas Instruments TMP461 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
TMP461
www.ti.com
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
17
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
8.6 Register Map
Table 4. Register Map
POINTER READ
(HEX)
POINTER WRITE
(HEX)
POR (HEX)
BIT DESCRIPTION
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
00
N/A
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local Temperature Register (high byte)
01
N/A
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature Register (high byte)
02
N/A
N/A
BUSY
LHIGH
LLOW
RHIGH
RLOW
OPEN
RTHRM
LTHRM
Status Register
03
09
00
MASK1
SD
ALERT/THERM2
0
0
RANGE
0
0
Configuration Register
04
0A
08
0
0
0
0
CR3
CR2
CR1
CR0
Conversion Rate Register
05
0B
7F
LTHL11
LTHL10
LTHL9
LTHL8
LTHL7
LTHL6
LTHL5
LTHL4
Local Temperature High Limit Register
06
0C
80
LTLL11
LTLL10
LTLL9
LTLL8
LTLL7
LTLL6
LTLL5
LTLL4
Local Temperature Low Limit Register
07
0D
7F
RTHL11
RTHL10
RTHL9
RTHL8
RTHL7
RTHL6
RTHL5
RTHL4
Remote Temperature High Limit Register (high byte)
08
0E
80
RTLL11
RTLL10
RTLL9
RTLL8
RTLL7
RTLL6
RTLL5
RTLL4
Remote Temperature Low Limit Register (high byte)
N/A
0F
N/A
X
X
X
X
X
X
X
X
One-Shot Start Register
(1)
10
N/A
00
RT3
RT2
RT1
RT0
0
0
0
0
Remote Temperature Register (low byte)
11
11
00
RTOS11
RTOS10
RTOS9
RTOS8
RTOS7
RTOS6
RTOS5
RTOS4
Remote Temperature Offset Register (high byte)
12
12
00
RTOS3
RTOS2
RTOS1
RTOS0
0
0
0
0
Remote Temperature Offset Register (low byte)
13
13
F0
RTHL3
RTHL2
RTHL1
RTHL0
0
0
0
0
Remote Temperature High Limit Register (low byte)
14
14
00
RTLL3
RTLL2
RTLL1
RTLL0
0
0
0
0
Remote Temperature Low Limit Register (low byte)
15
N/A
00
LT3
LT2
LT1
LT0
0
0
0
0
Local Temperature Register (low byte)
16
16
03
0
0
0
0
0
0
REN
LEN
Channel Enable Register
19
19
7F
RTH11
RTH10
RTH9
RTH8
RTH7
RTH6
RTH5
RTH4
Remote Temperature THERM Limit Register
20
20
7F
LTH11
LTH10
LTH9
LTH8
LTH7
LTH6
LTH5
LTH4
Local Temperature THERM Limit Register
21
21
0A
HYS11
HYS10
HYS9
HYS8
HYS7
HYS6
HYS5
HYS4
THERM Hysteresis Register
22
22
01
0
0
0
0
CONAL2
CONAL1
CONAL0
1
Consecutive ALERT Register
23
23
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
η-Factor Correction Register
24
24
00
0
0
0
0
0
0
DF1
DF0
Digital Filter Control Register
FE
N/A
55
0
1
0
1
0
1
0
1
Manufacturer Identification Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com