Electronic Components Datasheet Search
  English  ▼

X  

TMP461 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TMP461
Description  High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP461 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMP461 Datasheet HTML 10Page - Texas Instruments TMP461 Datasheet HTML 11Page - Texas Instruments TMP461 Datasheet HTML 12Page - Texas Instruments TMP461 Datasheet HTML 13Page - Texas Instruments TMP461 Datasheet HTML 14Page - Texas Instruments TMP461 Datasheet HTML 15Page - Texas Instruments TMP461 Datasheet HTML 16Page - Texas Instruments TMP461 Datasheet HTML 17Page - Texas Instruments TMP461 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
TMP461
SBOS722B – JUNE 2015 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: TMP461
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5 Programming
8.5.1 Serial Interface
The TMP461 device operates only as a slave device on either the two-wire bus or the SMBus. Connections to
either bus are made using the open-drain I/O lines, SDA and SCL. The SDA and SCL pins feature integrated
spike suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. The TMP461
device supports the transmission protocol for fast (1 kHz to 400 kHz) and high-speed (1 kHz to 2.17 MHz)
modes. All data bytes are transmitted MSB first.
8.5.1.1 Bus Overview
The TMP461 device is SMBus-interface-compatible. In SMBus protocol, the device that initiates the transfer is
called a master, and the devices controlled by the master are slaves. The bus must be controlled by a master
device that generates the serial clock (SCL), controls the bus access, and generates the start and stop
conditions.
To address a specific device, a start condition is initiated. A start condition is indicated by pulling the data line
(SDA) from a high-to-low logic level when SCL is high. All slaves on the bus shift in the slave address byte, with
the last bit indicating whether a read or write operation is intended. During the ninth clock pulse, the slave being
addressed responds to the master by generating an acknowledge bit and pulling SDA low.
Data transfer is then initiated and sent over eight clock pulses followed by an acknowledge bit. During data
transfer, SDA must remain stable when SCL is high. A change in SDA when SCL is high is interpreted as a
control signal.
After all data are transferred, the master generates a stop condition. A stop condition is indicated by pulling SDA
from low to high when SCL is high.
8.5.1.2 Bus Definitions
The TMP461 device is two-wire- and SMBus-compatible. Figure 15 and Figure 16 illustrate the timing for various
operations on the TMP461 device. The bus definitions are as follows:
Bus Idle:
Both SDA and SCL lines remain high.
Start Data Transfer: A change in the state of the SDA line (from high to low) when the SCL line is high defines
a start condition. Each data transfer initiates with a start condition.
Stop Data Transfer: A change in the state of the SDA line (from low to high) when the SCL line is high defines
a stop condition. Each data transfer terminates with a repeated start or stop condition.
Data Transfer: The number of data bytes transferred between a start and stop condition is not limited and is
determined by the master device. The receiver acknowledges the data transfer.
Acknowledge: Each receiving device, when addressed, is obliged to generate an acknowledge bit. A device
that acknowledges must pull down the SDA line during the acknowledge clock pulse in such a way
that the SDA line is stable low during the high period of the acknowledge clock pulse. Take setup
and hold times into account. On a master receive, data transfer termination can be signaled by the
master generating a not-acknowledge on the last byte that is transmitted by the slave.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com