Electronic Components Datasheet Search
  English  ▼

X  

TMP814 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMP814
Description  Variable Speed Single-phase Full-wave Fan Motor Predriver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP814 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP814 Datasheet HTML 2Page - Texas Instruments TMP814 Datasheet HTML 3Page - Texas Instruments TMP814 Datasheet HTML 4Page - Texas Instruments TMP814 Datasheet HTML 5Page - Texas Instruments TMP814 Datasheet HTML 6Page - Texas Instruments TMP814 Datasheet HTML 7Page - Texas Instruments TMP814 Datasheet HTML 8Page - Texas Instruments TMP814 Datasheet HTML 9Page - Texas Instruments TMP814 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
0 V
CPWM
V
CC
FG
0 V
VTH voltage
RMI voltage
4.55 V
1.65 V
PWM-IN disconnected
ON duty small
f = 25 kHz (CP = 100 pF)
ON duty large
PWM control
variable speed
Full speed
12 V
Rotation set to
minimum speed
(stop mode)
Low speed
High speed
TMP814
SLDS151A – MAY 2009 – REVISED JUNE 2015
www.ti.com
A.
Minimum
speed
setting
(stop)
mode
PWM-IN input is filtered to generate the VTH voltage. At low speed, the fan rotates with the minimum speed set with
RMI during low speed. If the minimum speed is not set (RMI = 6VREG), the fan stops.
B.
Low
↔
high
speed
mode
PWM control is made through comparison of oscillation and VTH voltages with CPWM changing between 1.6 V
↔ 4.6
V.
Upper and lower TRs are turned ON when the VTH voltage is greater. The upper output TR is turned OFF when the
VTH voltage is lower, and the coil current is regenerated in the lower TR. Therefore, as the VTH voltage lowers, the
output ON duty increases, increasing the coil current and raising the motor speed. The rotation speed is fed back by
the FG output.
C.
Full
speed
mode
The full-speed mode becomes effective with the VTH voltage of 1.65 V or less. (VTH must be equal to GND when the
speed control is not used.)
D.
PWM-IN
input
disconnection
mode
When the PWM-IN input pin is disconnected, VTH becomes 1.65 V or less and the output enables full drive at 100%.
The fan runs at full speed (see Figure 3).
Figure 1. Control Timing
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com