Electronic Components Datasheet Search
  English  ▼

X  

TMP814 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMP814
Description  Variable Speed Single-phase Full-wave Fan Motor Predriver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP814 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP814 Datasheet HTML 9Page - Texas Instruments TMP814 Datasheet HTML 10Page - Texas Instruments TMP814 Datasheet HTML 11Page - Texas Instruments TMP814 Datasheet HTML 12Page - Texas Instruments TMP814 Datasheet HTML 13Page - Texas Instruments TMP814 Datasheet HTML 14Page - Texas Instruments TMP814 Datasheet HTML 15Page - Texas Instruments TMP814 Datasheet HTML 16Page - Texas Instruments TMP814 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
TMP814
www.ti.com
SLDS151A – MAY 2009 – REVISED JUNE 2015
Typical Applications (continued)
•
VTH Pin connected to Ground for Full speed or supplied with pulsed input.
•
RMI Pin Pulled high to 6VREG output or external connection if required.
•
ROFF pulled to 6VREG.
•
6VREG connected to Hall Sensor. Hall sensor differential inputs connected to IN+ and IN-.
•
SENSE pin or GND.
•
CT connected to Lock Detection capacitor (0.47uF or calculated values)or to GND.
•
Drive outputs connected to the Gates of the H bridge switches.
•
Pullup on FG.
•
VLIM and VOVER kept open.
Power Supply:
•
Make sure the power supply has set with sufficient current limit at the decided at the motor voltage.
Build the circuit with previously recommended connections at the pins.
Test the motor circuit with hardware connected to it.
8.2.1.3 Application Curves
Figure 4. Start-up at 12 V
Figure 5. Motor Outputs and Phase Current at 100% Duty
Cycle
Figure 6. Lock Detection Waveform
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TMP814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com