Electronic Components Datasheet Search
  English  ▼

X  

TMP814 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP814
Description  Variable Speed Single-phase Full-wave Fan Motor Predriver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP814 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP814 Datasheet HTML 8Page - Texas Instruments TMP814 Datasheet HTML 9Page - Texas Instruments TMP814 Datasheet HTML 10Page - Texas Instruments TMP814 Datasheet HTML 11Page - Texas Instruments TMP814 Datasheet HTML 12Page - Texas Instruments TMP814 Datasheet HTML 13Page - Texas Instruments TMP814 Datasheet HTML 14Page - Texas Instruments TMP814 Datasheet HTML 15Page - Texas Instruments TMP814 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
SOP8901
RF
CB = ~ 0.022 µF
RB = 10 k
ROUT = 100
W
W
V
CC
VOVER
HB
IN–
IN+
RMI
VTH
CPWM
CT
SGND
OUT2N
OUT2P
OUT1N
OUT1P
ROFF
6VREG
VLIM
SENSE
FG
RD
R , R
= 10 k
to 100
FG
RD
W
W
CT = 0.47 µF
CP = 100 pF
25 kHz
R = 0 to 5 kW
H
6VREG
PWM-IN
TMP814
SLDS151A – MAY 2009 – REVISED JUNE 2015
www.ti.com
8.2 Typical Applications
8.2.1 12-V Sample Application Circuit
Figure 3. 12-V Sample Application Circuit
8.2.1.1 Design Requirements
Input Voltage: 6 to 16 V
VCC capacitor: 1 uF or more
H Bridge top side: P-channel FETs
H Bridge bottom side: N-channel FETs
8.2.1.2 Detailed Design Procedure
Pins:
•
CPWM Capacitor: 100 pF for 25 kHz switching or appropriate.
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: TMP814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com