Electronic Components Datasheet Search
  English  ▼

X  

UCD2003B Datasheet(PDF) 1 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 1 Page - Texas Instruments

  UCD2003B Datasheet HTML 1Page - Texas Instruments UCD2003B Datasheet HTML 2Page - Texas Instruments UCD2003B Datasheet HTML 3Page - Texas Instruments UCD2003B Datasheet HTML 4Page - Texas Instruments UCD2003B Datasheet HTML 5Page - Texas Instruments UCD2003B Datasheet HTML 6Page - Texas Instruments UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
7C
6C
5C
4C
3C
2C
1C
COM
7
6
5
4
3
2
1
7B
6B
5B
4B
3B
2B
1B
10
11
12
13
14
15
16
9
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
ULN2003B
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
ULN2003B High-Voltage, High-Current Darlington Transistor Array
1
1 Features
1
•
Greater Than 4x Reduction in Output Leakage
(ICEX) over ULN2003A
•
500-mA Rated Collector Current (Single Output)
•
High-Voltage Outputs 50 V
•
Output Clamp Diodes
•
Inputs Compatible With Various Types of Logic
•
Relay-Driver Applications
2 Applications
•
Relay Drivers
•
Lamp Drivers
•
Display Drivers (LED and Gas Discharge)
•
Line Drivers
•
Logic Buffers
3 Description
The ULN2003B device is a high-voltage, high-current
Darlington transistor array. This device consists of
seven NPN Darlington pairs that feature high-voltage
outputs with common-cathode clamp diodes for
switching inductive loads. The collector-current rating
of a single Darlington pair is 500 mA. The Darlington
pairs can be paralleled for higher current capability.
The ULN2003B has a 2.7-k
Ω series base resistor for
each Darlington pair for operation directly with TTL or
CMOS devices.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ULN2003BN
PDIP (16)
19.30 mm × 6.35 mm
ULN2003BD
SOIC (16)
9.90 mm × 3.91 mm
ULN2003BPW
TSSOP (16)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - UCD2003B

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UCD2A101M NICHICON-UCD2A101M Datasheet
731Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A101MCL NICHICON-UCD2A101MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A151M NICHICON-UCD2A151M Datasheet
731Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A151MCL NICHICON-UCD2A151MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD2A220M NICHICON-UCD2A220M Datasheet
731Kb / 4P
ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UCD2003B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
High voltage, high current Darlington transistor array
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
High-Voltage, High- Current Darlington Transistor Array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2004AI TI-ULN2004AI Datasheet
417Kb / 13P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
115Kb / 7P
High voltage, high current Darlington transistor array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com