Electronic Components Datasheet Search
  English  ▼

X  

UCD2003B Datasheet(PDF) 12 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 12 Page - Texas Instruments

Back Button UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments UCD2003B Datasheet HTML 10Page - Texas Instruments UCD2003B Datasheet HTML 11Page - Texas Instruments UCD2003B Datasheet HTML 12Page - Texas Instruments UCD2003B Datasheet HTML 13Page - Texas Instruments UCD2003B Datasheet HTML 14Page - Texas Instruments UCD2003B Datasheet HTML 15Page - Texas Instruments UCD2003B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
(
)
J(MAX)
A
(MAX)
JA
T
T
PD
-
=
q
N
D
OLi
Li
i 1
P
V
I
=
=
´
å
12
ULN2003B
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
(1)
These test conditions can not be run simultaneously.
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETER (1)
EXAMPLE VALUE
GPIO Voltage
3.3 V or 5 V
Coil Supply Voltage
12 V to 48 V
Number of Channels
7
Output Current (RCOIL)
20 mA to 300 mA per channel (See Figure 5)
Duty Cycle
See Figure 6 to Figure 14
9.2.2 Detailed Design Procedure
When using ULN2003B in a coil driving application, determine the following:
•
Input Voltage Range
•
Temperature Range
•
Output and Drive Current
•
Power Dissipation
9.2.2.1 Drive Current
The coil current is determined by the coil voltage (VSUP), coil resistance and output low voltage (VOL or
VCE(SAT)).
ICOIL = (VSUP – VCE(SAT)) / RCOIL
(1)
9.2.2.2 Output Low Voltage
The output low voltage (VOL) is the same thing as VCE(SAT) and can be determined by, Figure 1, Figure 2, or
Figure 4.
9.2.2.3 Power Dissipation and Temperature
The number of coils driven is dependent on the coil current and on-chip power dissipation. The number of coils
driven can be determined by Figure 6 or Figure 7.
For a more accurate determination of number of coils possible, use Equation 2 to calculate ULN2003B on-chip
power dissipation PD:
where
•
N is the number of channels active together.
•
VOLi is the OUTi pin voltage for the load current ILi. This is the same as VCE(SAT)
(2)
In order to guarantee reliability of ULN2003B and the system the on-chip power dissipation must be lower that or
equal to the maximum allowable power dissipation (PD(MAX)) dictated by Equation 3.
where
•
TJ(MAX) is the target maximum junction temperature.
•
TA is the operating ambient temperature.
•
θJA is the package junction to ambient thermal resistance.
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com