Electronic Components Datasheet Search
  English  ▼

X  

UCD2003B Datasheet(PDF) 11 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments UCD2003B Datasheet HTML 10Page - Texas Instruments UCD2003B Datasheet HTML 11Page - Texas Instruments UCD2003B Datasheet HTML 12Page - Texas Instruments UCD2003B Datasheet HTML 13Page - Texas Instruments UCD2003B Datasheet HTML 14Page - Texas Instruments UCD2003B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ULN2003B
IN3
IN4
OUT1
OUT2
OUT3
OUT4
IN5
IN6
IN7
GND
OUT5
OUT6
OUT7
COM
IN1
IN2
3.3V Logic
VSUP
3.3V Logic
3.3V Logic
VSUP
Copyright © 2016, Texas Instruments Incorporated
11
ULN2003B
www.ti.com
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
8.4 Device Functional Modes
8.4.1 Inductive Load Drive
When the COM pin is tied to the coil supply voltage, ULN2003B is able to drive inductive loads and suppress the
kick-back voltage through the internal free wheeling diodes.
8.4.2 Resistive Load Drive
When driving a resistive load, a pull-up resistor is needed in order for ULN2003B to sink current and for there to
be a logic high level. The COM pin can be left floating for these applications.
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
ULN2003B will typically be used to drive a high voltage and/or current peripheral from an MCU or logic device
that cannot tolerate these conditions. The following design is a common application of ULN2003B, driving
inductive loads. This includes motors, solenoids and relays. Figure 23 is a typical block diagram representation of
this application.
9.2 Typical Application
Figure 23. ULN2003B as Inductive Load Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com