Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6435 Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6435 Datasheet(HTML) 69 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 65Page - Texas Instruments TMS320DM6435 Datasheet HTML 66Page - Texas Instruments TMS320DM6435 Datasheet HTML 67Page - Texas Instruments TMS320DM6435 Datasheet HTML 68Page - Texas Instruments TMS320DM6435 Datasheet HTML 69Page - Texas Instruments TMS320DM6435 Datasheet HTML 70Page - Texas Instruments TMS320DM6435 Datasheet HTML 71Page - Texas Instruments TMS320DM6435 Datasheet HTML 72Page - Texas Instruments TMS320DM6435 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 252 page
background image
TMS320DM6435
Digital Media Processor
www.ti.com
SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-6. Fixed-Multiplier Fastboot Modes (FASTBOOT = 1, AEM[2:0] = 001b)
DEVICE BOOT AND
CONFIGURATION
PLLC1 CLOCK SETTING AT BOOT
PINS
DM6435 DMP
DSPBOOTADDR
BOOT DESCRIPTION(1)
(Master/Slave)
(DEFAULT)(1)
DEVICE
PLL
CLKDIV1 DOMAIN
BOOTMODE[3:0]
FREQUENCY
MODE(2)
(SYSCLK1 DIVIDER)
(SYSCLK1)
0000
No Boot (Emulation Boot)
Master
Bypass
/1
CLKIN
0x0010 0000
HPI Boot with PLL
0001
Slave
x27
/2
CLKIN x27 / 2
0x0010 0000
Multiplier x27 at boot
HPI Boot with PLL
0010
Slave
x20
/2
CLKIN x20 / 2
0x0010 0000
Multiplier x20 at boot
HPI Boot with PLL
0011
Slave
x15
/2
CLKIN x15 / 2
0x0010 0000
Multiplier x15 at boot
EMIFA ROM FASTBOOT
0100
with Application Image
Master
x20
/2
CLKIN x20 / 2
0x0010 000
Script (AIS)
I2C Boot
0101
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
[FAST MODE](3)
0110
16-bit SPI Boot [McBSP0]
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
0111
NAND Flash Boot
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
UART Boot without
1000
Hardware Flow Control
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
[UART0]
EMIFA ROM FASTBOOT
1001
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
without AIS
1010
VLYNQ Boot
Slave
x20
/2
CLKIN x20 / 2
0x0010 0000
1011
Reserved
–
–
–
–
–
1100
Reserved
–
–
–
–
–
1101
Reserved
–
–
–
–
–
UART Boot with Hardware
1110
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
Flow Control [UART0]
24-bit SPI Boot (McBSP0 +
1111
Master
x20
/2
CLKIN x20 / 2
0x0010 0000
GP[97])
(1)
For all boot modes that default to DSPBOOTADDR = 0x0010 0000, the bootloader code disables all C64x+ cache (L2, L1P, and L1D)
so that upon exit from the bootloader code, all C64x+ memories are configured as all RAM. If cache use is required, the application
code must explicitly enable the cache. For more information on the bootloader, see the Using the TMS320DM643x Bootloader
Application Report (literature number SPRAAG0).
(2)
The PLL MODE for Fixed-Multiplier Fastboot Modes is fixed as shown in this table; therefore, the PLLMS[2:0] configuration pins have no
effect on the PLL MODE.
(3)
I2C Boot (BOOTMODE[3:0] = 0101b) is only available if the MXI/CLKIN frequency is between 21 MHz to 30 MHz. I2C Boot is not
available for MXI/CLKIN frequencies less than 21 MHz.
Submit Documentation Feedback
Device Configuration
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com