Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM6435 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM6435 Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 85Page - Texas Instruments TMS320DM6435 Datasheet HTML 86Page - Texas Instruments TMS320DM6435 Datasheet HTML 87Page - Texas Instruments TMS320DM6435 Datasheet HTML 88Page - Texas Instruments TMS320DM6435 Datasheet HTML 89Page - Texas Instruments TMS320DM6435 Datasheet HTML 90Page - Texas Instruments TMS320DM6435 Datasheet HTML 91Page - Texas Instruments TMS320DM6435 Datasheet HTML 92Page - Texas Instruments TMS320DM6435 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 252 page
background image
TMS320DM6435
Digital Media Processor
www.ti.com
SPRS344C – NOVEMBER 2006 – REVISED JUNE 2008
Table 3-19. PINMUX0 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
Chip Select 4 Select.
Sub-Block 1
00 = GPIO pin (GP32) (default)
EM_CS4/GP[32]
9:8
CS4SEL
01 = EMIFA Chip Select 4 (EM_CS4)
The PINMUX0 field CS4SEL alone controls the
10 = Reserved
muxing of this pin.
11 = Reserved
Chip Select 5 Select.
Sub-Block 1
00 = GPIO pin (GP33) (default)
EM_CS5/GP[33]
7:6
CS5SEL
01 = EMIFA Chip Select 5 (EM_CS5)
The PINMUX0 field CS5SEL alone controls the
10 = Reserved
muxing of this pin.
11 = Reserved
Reserved. For proper device operation, the user should only write "0" to these bits
5:3
RESERVED
(default).
Sub-Block 0
C_WE/EM_R/W/GP[35]
C_FIELD/EM_A[21]/GP[34]
CI7(CCD15)/EM_A[13]/GP[51]
CI6(CCD14)/EM_A[14]/GP[50]
CI5(CCD13)/EM_A[15]/GP[49]
CI4(CCD12)/EM_A[16]/GP[48]
CI3(CCD11)/EM_A[17]/GP[47]
CI2(CCD10)/EM_A[18]/GP[46]
CI1(CCD9)/EM_A[19]/GP[45]
CI0(CCD8)/EM_A[20]/GP[44]
EMIFA Pinout Modes
Sub-Block 1
This field does not affect the actual EMIFA operation. It only determines what
multiplexed pins in the EMIFA/VPSS Block serves as EMIFA pins.
EM_D[7]/GP[21]
EM_D[6]/GP[20]
000b = No EMIFA Mode.
EM_D[5]/GP[19]
None of the multiplexed pins in the EMIFA/VPSS Block serves as EMIFA pins.
EM_D[4]/GP[18]
EM_D[3]/GP[17]
001b = 8-bit EMIFA (Async) Pinout Mode 1.
EM_D[2]/GP[16]
(Up to 16M-Byte address reach per Chip Select Space).
EM_D[1]/GP[15]
Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit
EM_D[0]/GP[14]
EMIFA (Async or NAND) + 16-bit CCDC (VPFE)
2:0
AEM(1)
EM_CS2/GP[12]
EM_A[3]/GP[11]
010b = Reserved.
EM_A[4]/GP[10]/(AEAW2/PLLMS2)
011b = Reserved.
EM_A[1]/(ALE)/GP[9]/(AEAW1/PLLMS1)
EM_A[2]/(CLE)/GP[8]/(AEAW0/PLLMS0)
100b = Reserved.
EM_A[0]/GP[7]/(AEM2)
EM_BA[0]/GP[6]/(AEM1)
101b = 8-bit EMIFA (NAND) Pinout Mode 5.
EM_BA[1]/GP[5]/(AEM0)
Pinout allows up to a maximum of these functions from EMIFA/VPSS Block: 8-bit
EMIFA (NAND) + 16-bit CCDC (VPFE)
Sub-Block3
110b through 111b = Reserved.
EM_A[12]/GP[89]
EM_A[11]/GP[90]
EM_A[10]/GP[91]
EM_A[9]/GP[92]
EM_A[8]/GP[93]
EM_A[7]/GP[94]
EM_A[6]/GP[95]
EM_A[5]/GP[96]
The pin mux for these pins are controlled by a
combination of AEM and other PINMUX0 fields,
including CWENSEL, CFLDSEL, AEAW,
CI76SEL, CI54SEL, CI32SEL, and CI10SEL. (2)
(1)
The AEM default value is latched at reset from AEM[2:0] configuration inputs. The latched values are also shown at BOOTCFG.DAEM
(read-only).
(2)
For the full set of valid configurations of these pins, see Section 3.7.3.11.7, EMIFA/VPSS Block Pin-By-Pin Multiplexing Summary.
Submit Documentation Feedback
Device Configuration
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com