Electronic Components Datasheet Search
  English  ▼

X  

LM93CIMTX Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM93CIMTX
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93CIMTX Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM93CIMTX Datasheet HTML 17Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 18Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 19Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 20Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 21Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 22Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 23Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 24Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
14.0 SMBus Interface (Continued)
14.5.3.3 SMBus Write Block to Any Address
The start address for a block write is embedded in this transaction. In this operation the master sends a block of data to the slave
as follows:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends a command code that tells the slave device to expect a block write. The LM93 command code for a block
write is F0h.
5.
The slave asserts ACK.
6.
The master sends a byte that tells the slave device how many data bytes it will send (N). The SMBus specification allows a
maximum of 32 data bytes to be sent in a block write.
7.
The slave asserts ACK.
8.
The master sends data byte 1, the starting address of the block write.
9.
The slave asserts ACK after each data byte.
10. The master sends data byte 2.
11. The slave asserts ACK.
12. The master continues to send data bytes and the slave asserts ACK for each byte.
13. The master asserts a STOP condition to end the transaction.
1
2
34
56
78
910
11
A
12
13
S
Slave
Address
W
A
Command
F0h
(Block
Write)
A
Byte
Count
(N)
A
Data
Byte 1
(Start
Address)
A
Data
Byte 2
A
A
Data
Byte N
AP
Special Notes
1.
Any attempts to write to bytes beyond normal address space are acknowledged by the LM93 but are ignored.
2.
Block writes do not wrap from address FFh back to 00h the address remains at FFh.
3.
The Byte Count field is ignored by the LM93. The master device may send more or less bytes and the LM93 accepts them.
4.
The SMBus specification requires that block writes never exceed 32 data bytes. Meeting this requirement means that only 31
actual data bytes can be sent (the register address counts as one byte). The LM93 does not care if this requirement is met.
14.5.3.4 I
2C™ Block Write
In this transaction the master sends a block of data to the LM93 as follows:
1.
The master device asserts a START condition.
2.
The master sends the 7-bit slave address followed by the write bit (low).
3.
The addressed slave device asserts ACK.
4.
The master sends the starting address of the block write.
5.
The slave asserts ACK after each data byte.
6.
The master sends data byte 1.
7.
The slave asserts ACK.
8.
The master continues to send data bytes and the slave asserts ACK for each byte.
9.
The master asserts a STOP condition to end the transaction
1
2
34
56
7
8
9
S
Slave
Address
W
A
Register
Address
A
Data
Byte 1
A
A
Data
Byte N
AP
Special Notes:
1.
Any attempts to write to bytes beyond normal address space are acknowledged by the LM93 but are ignored.
2.
Block writes do not wrap from address FFh back to 00h the address remains at FFh.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com