Electronic Components Datasheet Search
  English  ▼

X  

LM93CIMTX Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM93CIMTX
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93CIMTX Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button LM93CIMTX Datasheet HTML 38Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 39Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 40Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 41Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 42Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 43Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 44Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 45Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
16.0 Registers (Continued)
16.4.2 Register 41h
B_Error Status 2
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
41h
RWC
B_Error
Status 2
ADIN8
_ERR
ADIN7
_ERR
ADIN6
_ERR
ADIN5
_ERR
ADIN4
_ERR
ADIN3
_ERR
ADIN2
_ERR
ADIN1
_ERR
00h
Bit
Name
R/W
Description
Sleep
Masking
0
AD1_ERR
RWC This bit is set when the AD_IN1 voltage has fallen outside the range defined
by the AD_IN1 Low Limit and the AD_IN1 High Limit registers.
S3, S4/5
1
AD2_ERR
RWC This bit is set when the AD_IN2 voltage has fallen outside the range defined
by the AD_IN2 Low Limit and the AD_IN2 High Limit registers.
S3, S4/5
2
AD3_ERR
RWC This bit is set when the AD_IN3 voltage has fallen outside the range defined
by the AD_IN3 Low Limit and the AD_IN3 High Limit registers.
S3, S4/5
3
AD4_ERR
RWC This bit is set when the AD_IN4 voltage has fallen outside the range defined
by the AD_IN4 Low Limit and the AD_IN4 High Limit registers.
S3, S4/5
4
AD5_ERR
RWC This bit is set when the AD_IN5 voltage has fallen outside the range defined
by the AD_IN5 Low Limit and the AD_IN5 High Limit registers.
S3, S4/5
5
AD6_ERR
RWC This bit is set when the AD_IN6 voltage has fallen outside the range defined
by the AD_IN6 Low Limit and the AD_IN6 High Limit registers.
S3, S4/5
6
AD7_ERR
RWC This bit is set when the AD_IN7 voltage has fallen outside the range defined
by the AD_IN7 Low Limit and the AD_IN7 High Limit registers.
S3, S4/5
7
AD8_ERR
RWC This bit is set when the AD_IN8 voltage has fallen outside the range defined
by the AD_IN8 Low Limit and the AD_IN8 High Limit registers.
S3, S4/5
16.4.3 Register 42h
B_Error Status 3
Register
Address
Read/
Write
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
42h
RWC
B_Error
Status 3
ADIN16
_ERR
ADIN15
_ERR
ADIN14
_ERR
ADIN13
_ERR
ADIN12
_ERR
ADIN11
_ERR
ADIN10
_ERR
ADIN9
_ERR
00h
Bit
Name
R/W
Description
Sleep
Masking
0
AD9_ERR
RWC This bit is set when the AD_IN9 voltage has fallen outside the range defined
by the AD_IN9 Low Limit and the AD_IN9 High Limit registers.
S3, S4/5
1
AD10_ERR
RWC This bit is set when the AD_IN10 voltage has fallen outside the range defined
by the AD_IN10 Low Limit and the AD_IN10 High Limit registers.
S3, S4/5
2
AD11_ERR
RWC This bit is set when the AD_IN11 voltage has fallen outside the range defined
by the AD_IN11 Low Limit and the AD_IN11 High Limit registers.
S3, S4/5
3
AD12_ERR
RWC This bit is set when the AD_IN12 voltage has fallen outside the range defined
by the AD_IN12 Low Limit and the AD_IN12 High Limit registers.
S3*, S4/5*
4
AD13_ERR
RWC This bit is set when the AD_IN13 voltage has fallen outside the range defined
by the AD_IN13 Low Limit and the AD_IN13 High Limit registers.
S3*, S4/5*
5
AD14_ERR
RWC This bit is set when the AD_IN14 voltage has fallen outside the range defined
by the AD_IN14 Low Limit and the AD_IN14 High Limit registers.
S3*, S4/5*
6
AD15_ERR
RWC This bit is set when the AD_IN15 voltage has fallen outside the range defined
by the AD_IN15 Low Limit and the AD_IN15 High Limit registers.
S3, S4/5
7
AD16_ERR
RWC This bit is set when the AD_IN16 voltage has fallen outside the range defined
by the AD_IN16 Low Limit and the AD_IN16 High Limit registers.
none
www.national.com
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com