Electronic Components Datasheet Search
  English  ▼

X  

LM93CIMTX Datasheet(PDF) 87 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM93CIMTX
Description  Hardware Monitor with Integrated Fan Control for Server Management
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM93CIMTX Datasheet(HTML) 87 Page - National Semiconductor (TI)

Back Button LM93CIMTX Datasheet HTML 83Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 84Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 85Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 86Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 87Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 88Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 89Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 90Page - National Semiconductor (TI) LM93CIMTX Datasheet HTML 91Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
DC Electrical Characteristics (Continued)
The following limits apply for +3.0 V
DC to +3.6 VDC, unless otherwise noted. Bold face limits apply for TA =TJ over TMIN to
T
MAX of the operating range; all other limits TA =TJ = 25˚C unless otherwire noted. TA is the ambient temperature of the
LM93; T
J is the junction temperature of the LM93; TD is the junction temperature of the thermal diode.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
DNL
Differential Non-Linearity
±1
LSB
PSS
Power Supply (V
DD) Sensitivity
±1
%/V (of
FS)
T
C
Total Monitoring Cycle Time
100
ms (max)
Input Resistance for Inputs with Dividers
200
140
k
Ω (min)
AD_IN1- AD_IN3 and AD_IN15 Analog Input
Leakage Current (Note 13)
60
nA (max)
REFERENCE OUTPUT (V
REF) CHARACTERISTICS
Tolerance
±1
% (max)
V
REF
Output Voltage (Note 14)
2.500
2.525
2.475
V (max)
V (min)
Load Regulation
I
SOURCE =−2mA
I
SINK =2mA
0.1
%
DIGITAL OUTPUTS: PWM1, PWM2
I
OL
Current Sink
8
mA (min)
V
OL
Output Low Voltage
I
OUT = 8.0 mA
0.4
V (max)
DIGITAL OUTPUTS: ALL
V
OL
Output Low Voltage (Note excessive current flow
causes self-heating and degrades the internal
temperature accuracy.)
I
OUT = 4.0 mA
0.4
V (min)
I
OUT =6mA
0.55
V (min)
I
OH
High Level Output Leakage Current
V
OUT =VDD
0.1
10
µA (max)
I
OTMAX
Maximum Total Sink Current for all Digital Outputs
Combined
32
mA (max)
C
O
Digital Output Capacitance
20
pF
DIGITAL INPUTS: ALL
V
IH
Input High Voltage Except Address Select
2.1
V (min)
V
IL
Input Low Voltage Except Address Select
0.8
V (max)
V
IH
Input High Voltage for Address Select
90% V
DD
V (min)
V
IM
Input Mid Voltage for Address Select
43% V
DD
57% V
DD
V (min)
V (max)
V
IL
Input Low Voltage for Address Select
10% V
DD
V (max)
V
HYST
DC Hysteresis
0.3
V
I
IH
Input High Current
V
IN =VDD
−10
µA (min)
I
IL
Input Low Current
V
IN =0V
10
µA (max)
C
IN
Digital Input Capacitance
20
pF
DIGITAL INPUTS: P1_VIDx, P2_VIDx, GPIO_7, GPIO_6, GPIO_5, GPIO_4 (When respective bit set in Register BEh GPI/VID
Level Control)
V
IH
Alternate Input High Voltage (AGTL+ Compatible)
0.8
V (min)
V
IL
Alternate Input Low Voltage (AGTL+ Compatible)
0.4
V (max)
www.national.com
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com