Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320VC5510
Description  Fixed-Point Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5510 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 23Page - Texas Instruments TMS320VC5510 Datasheet HTML 24Page - Texas Instruments TMS320VC5510 Datasheet HTML 25Page - Texas Instruments TMS320VC5510 Datasheet HTML 26Page - Texas Instruments TMS320VC5510 Datasheet HTML 27Page - Texas Instruments TMS320VC5510 Datasheet HTML 28Page - Texas Instruments TMS320VC5510 Datasheet HTML 29Page - Texas Instruments TMS320VC5510 Datasheet HTML 30Page - Texas Instruments TMS320VC5510 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 90 page
background image
Functional Overview
27
June 2000 − Revised September 2007
SPRS076O
3.2.1 System Register (SYSR)
The 5510/5510A system register (SYSR) provides control over certain device-specific functions. SYSR is
located at port address 07FDh.
15
10
9
8
7
6
5
4
3
2
0
Reserved
HPE
BH
HBH
BOOTM3
Reserved
Reserved
Reserved
CLKDIV
R−000000
R/W−1
R/W−0
R/W−0
R−0
R−0
R/W−0
R/W−0
R/W−000
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−3. System Register (SYSR) Bit Layout
Table 3−5. System Register (SYSR) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−10
Reserved
000000
These bits are reserved and are unaffected by writes.
9
HPE
1
EHPI pullup/pulldown enable. Enables the internal pullups on the EHPI control pins HDS1, HDS2, HCS,
HAS, HR/W, HMODE, HCNTL0, and HA1/HCNTL1. Enables the internal pulldowns on EHPI control pins
HBE0 and HBE1.
HPE = 0
Pullups and pulldowns disabled
HPE = 1
Pullups and pulldowns enabled.
8
BH
0
EMIF data bus holder enable. Enables internal bus holders on D[31:0].
BH = 0
EMIF data bus holders disabled.
BH = 1
EMIF data bus holders enabled.
7
HBH
0
EHPI data bus holder enable. Enables internal bus holders on HD[15:0].
HBH = 0
EHPI data bus holders disabled.
HBH = 1
EHPI data bus holders enabled.
6
BOOTM3
0
BOOTM3 status. This read-only bit represents the state of the BOOTM3 pin.
5
Reserved
0
This bit is reserved and is unaffected by writes.
4
Reserved
0
This bit is reserved and must be written as 0.
3
Reserved
0
This bit is reserved and is unaffected by writes.
2−0
CLKDIV
000
CLKOUT divide factor. Allows the clock present on the CLKOUT pin to be a divided-down version of the
internal CPU clock. This field does not affect the programming of the PLL
CLKDIV = 000
CLKOUT represents the CPU clock divided by 1
CLKDIV = 001
CLKOUT represents the CPU clock divided by 2
CLKDIV = 010
CLKOUT represents the CPU clock divided by 4
CLKDIV = 011
CLKOUT represents the CPU clock divided by 6
CLKDIV = 100
CLKOUT represents the CPU clock divided by 8
CLKDIV = 101
CLKOUT represents the CPU clock divided by 10
CLKDIV = 110
CLKOUT represents the CPU clock divided by 12
CLKDIV = 111
CLKOUT represents the CPU clock divided by 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com