Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5510 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320VC5510
Description  Fixed-Point Digital Signal Processors
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320VC5510 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320VC5510 Datasheet HTML 43Page - Texas Instruments TMS320VC5510 Datasheet HTML 44Page - Texas Instruments TMS320VC5510 Datasheet HTML 45Page - Texas Instruments TMS320VC5510 Datasheet HTML 46Page - Texas Instruments TMS320VC5510 Datasheet HTML 47Page - Texas Instruments TMS320VC5510 Datasheet HTML 48Page - Texas Instruments TMS320VC5510 Datasheet HTML 49Page - Texas Instruments TMS320VC5510 Datasheet HTML 50Page - Texas Instruments TMS320VC5510 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 90 page
background image
Support
47
June 2000 − Revised September 2007
SPRS076O
4
Support
4.1
Notices Concerning JTAG (IEEE 1149.1) Boundary Scan Test Capability
4.1.1 Initialization Requirements for Boundary Scan Test
The TMS320VC5510/5510A uses the JTAG port for boundary scan tests, emulation capability and factory test
purposes. To use boundary scan test, the EMU0 and EMU1/OFF pins must be held LOW through a rising edge
of the TRST signal prior to the first scan. This operation selects the appropriate TAP control for boundary scan.
If at any time during a boundary scan test a rising edge of TRST occurs when EMU0 or EMU1/OFF are not
low, a factory test mode may be selected preventing boundary scan test from being completed. For this
reason, it is recommended that EMU0 and EMU1/OFF be pulled or driven low at all times during boundary
scan test.
4.1.2 Boundary Scan Description Language (BSDL) Model
BSDL models are available on the web in the TMS320VC5510/5510A product folder under the “simulation
models” section.
4.2
Documentation Support
Extensive documentation supports all TMS320
 DSP family of devices from product announcement through
applications development. The following types of documentation are available to support the design and use
of the TMS320C5000
 platform of DSPs:
•
TMS320C55x
 DSP Functional Overview (literature number SPRU312)
•
TMS320C55x DSP Peripherals Overview Reference Guide (literature number SPRU317)
•
TMS320C55x DSP CPU Reference Guide (literature number SPRU371)
•
TMS320C55x DSP CPU Programmer’s Reference Supplement (literature number SPRU652)
•
TMS320C55x Assembly Language Tools User’s Guide (literature number SPRU280)
•
TMS320C55x Hardware Extensions for Image/Video Applications Programmer’s Reference
(literature number SPRU098)
•
TMS320C55x Image/Video Processing Library Programmer’s Reference (literature number SPRU037)
•
TMS320VC5510 DSP Instruction Cache Reference Guide (literature number SPRU576)
•
TMS320VC5501/5502/5503/5507/5509/5510 DSP Multichannel Buffered Serial Port (McBSP)
Reference Guide (literature number SPRU592)
•
TMS320VC5503/5507/5509/5510 DSP Direct Memory Access (DMA) Controller Reference Guide
(literature number SPRU587)
•
TMS320VC5510 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU588)
•
TMS320VC5503/5507/5509/5510 DSP Timers Reference Guide (literature number SPRU595)
•
Using the TMS320VC5510 Bootloader application report (literature number SPRA763)
•
TMS320VC5510/5510A Hardware Designer’s Resource Guide (literature number SPRAA43)
•
TMS320VC5510/5510A Digital Signal Processors Silicon Errata (literature number SPRZ008)
•
Device-specific data sheets
•
Complete user’s guides
•
Development support tools
•
Hardware and software application reports
The reference set describes in detail the TMS320C55x DSP products currently available and the hardware
and software applications, including algorithms, for fixed-point TMS320
 DSP family of devices.
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320 DSP newsletter, Details on Signal Processing, is published
quarterly and distributed to update TMS320 DSP customers on product information.
Information regarding Texas Instruments (TI) DSP products is also available on the Worldwide Web at
http://www.ti.com uniform resource locator (URL).
TMS320 and TMS320C5000 are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com