Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS1114 Datasheet(PDF) 144 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS1114
Description  16- and 32-Bit RISC Flash Microcontroller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS1114 Datasheet(HTML) 144 Page - Texas Instruments

Back Button TMS570LS1114 Datasheet HTML 140Page - Texas Instruments TMS570LS1114 Datasheet HTML 141Page - Texas Instruments TMS570LS1114 Datasheet HTML 142Page - Texas Instruments TMS570LS1114 Datasheet HTML 143Page - Texas Instruments TMS570LS1114 Datasheet HTML 144Page - Texas Instruments TMS570LS1114 Datasheet HTML 145Page - Texas Instruments TMS570LS1114 Datasheet HTML 146Page - Texas Instruments TMS570LS1114 Datasheet HTML 147Page - Texas Instruments TMS570LS1114 Datasheet HTML 148Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 169 page
background image
TMS570LS1114
SPNS188B – OCTOBER 2012 – REVISED FEBRUARY 2015
www.ti.com
Table 7-31. MIBSPI3 Event Trigger Hookup (continued)
Event #
TGxCTRL TRIGSRC[3:0]
Trigger
EVENT9
1010
N2HET1[10]
EVENT10
1011
N2HET1[12]
EVENT11
1100
N2HET1[14]
EVENT12
1101
N2HET1[16]
EVENT13
1110
N2HET1[18]
EVENT14
1111
Internal Tick counter
NOTE
For N2HET1 trigger sources, the connection to the MibSPI3 module trigger input is made
from the input side of the output buffer (at the N2HET1 module boundary). This way, a
trigger condition can be generated even if the N2HET1 signal is not selected to be output on
the pad.
NOTE
For GIOx trigger sources, the connection to the MibSPI3 module trigger input is made from
the output side of the input buffer. This way, a trigger condition can be generated either by
selecting the GIOx pin as an output pin and selecting the pin to be a GIOx pin, or by driving
the GIOx pin from an external trigger source. If the mux control module is used to select
different functionality instead of the GIOx signal, then care must be taken to disable GIOx
from triggering MibSPI3 transfers; there is no multiplexing on the input connections.
7.11.3.3 MIBSPI5 Event Trigger Hookup
Table 7-32. MIBSPI5 Event Trigger Hookup
Event #
TGxCTRL TRIGSRC[3:0]
Trigger
Disabled
0000
No trigger source
EVENT0
0001
GIOA[0]
EVENT1
0010
GIOA[1]
EVENT2
0011
GIOA[2]
EVENT3
0100
GIOA[3]
EVENT4
0101
GIOA[4]
EVENT5
0110
GIOA[5]
EVENT6
0111
GIOA[6]
EVENT7
1000
GIOA[7]
EVENT8
1001
N2HET1[8]
EVENT9
1010
N2HET1[10]
EVENT10
1011
N2HET1[12]
EVENT11
1100
N2HET1[14]
EVENT12
1101
N2HET1[16]
EVENT13
1110
N2HET1[18]
EVENT14
1111
Internal Tick counter
NOTE
For N2HET1 trigger sources, the connection to the MibSPI5 module trigger input is made
from the input side of the output buffer (at the N2HET1 module boundary). This way, a
trigger condition can be generated even if the N2HET1 signal is not selected to be output on
the pad.
144
Peripheral Information and Electrical Specifications
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS570LS1114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com