Electronic Components Datasheet Search
  English  ▼

X  

HV7351 Datasheet(PDF) 6 Page - Microchip Technology

Part # HV7351
Description  8-Channel, 짹70V, 3A Programmable High-Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 6 Page - Microchip Technology

Back Button HV7351 Datasheet HTML 2Page - Microchip Technology HV7351 Datasheet HTML 3Page - Microchip Technology HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology HV7351 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
HV7351
DS20005412A-page 6
 2015 Microchip Technology Inc.
TABLE 1-2:
REGULATOR OUTPUTS
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Positive Floating Gate
Drive Voltage
VPF
VPP -5.25
VPP -5.00
VPP - 4.00
V
4x1 µF ceramic capacitors
across VPF and VPP
Negative Floating Gate
Drive Voltage
VNF
VNN +4.00 VNN +5.00 VNN + 5.25
V
4x1 µF ceramic capacitors
across VNF and VNN
ELECTRICAL CHARACTERISTICS
Electrical Specifications: unless otherwise specified, VLL = 3.3V, AVDD = DVDD = PVDD = VRP = 5.0V,
PVSS = VRN = -5.0V, VPP = +70V, VNN = -70V, TA = +25°C.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
VLL Quiescent Current
IVLLQ
—
384
500
µA
EN = Low,
all inputs are static
AVDD Quiescent Current
IAVDDQ
—12
30
µA
EN = Low,
all inputs are static
DVDD Quiescent Current
IDVDDQ
—12
30
PVDD Quiescent Current
IPVDDQ
—70
100
VRP Quiescent Current
IVRPQ
—0.3
6
µA
EN = Low,
all inputs are static
VRN Quiescent Current
IVRNQ
—-0.01
6
PVSS Quiescent Current
IPVSSQ
-85
-45
—
µA
EN = Low,
all inputs are static
VPP Quiescent Current
IVPPQ
—2.6
6
µA
EN = Low,
all inputs are static
VNN Quiescent Current
IVNNQ
—-1.6
6
VLL Enabled
Quiescent Current
IVLLEN
—
390
500
µA
EN = High,
all inputs are static
AVDD Enabled
Quiescent Current
IAVDDEN
—
600
800
µA
EN = High,
all inputs are static
DVDD Enabled
Quiescent Current
IDVDDEN
—22
55
PVDD Enabled
Quiescent Current
IPVDDEN
—
44
100
µA
EN = High,
all inputs are static
VRP Enabled
Quiescent Current
IVRPEN
—
450
650
µA
EN = High,
all inputs are static
VRN Enabled
Quiescent Current
IVRNEN
-650
-350
—
PVSS Enabled
Quiescent Current
IPVSSEN
-100
-44
—
µA
EN = High,
all inputs are static
VPP Enabled
Quiescent Current
IVPPEN
—
370
620
µA
EN = High,
all inputs are static
VNN Enabled
Quiescent Current
IVNNEN
-620
-420
—
VLL current at 80 MHz Clock
IVLLCW
—500
—
µA
VPP = +5.0V,
VNN = -5.0V,
EN = High,
CW = High,
80 MHz on TCK,
0.5VLL on TCK,
all 8 channels active at
5.0 MHz, no load
(Note 1)
DVDD current at CW = 5 MHz
IDVDDCW
—25
—
mA
VPP current at CW = 5 MHz
IVPPCW
—141
—
mA
VNN current at CW = 5 MHz
IVNNCW
—98
—
mA
Note 1:
Specification is obtained by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com