Electronic Components Datasheet Search
  English  ▼

X  

HV7351 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV7351
Description  8-Channel, 짹70V, 3A Programmable High-Voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7351 Datasheet(HTML) 1 Page - Microchip Technology

  HV7351 Datasheet HTML 1Page - Microchip Technology HV7351 Datasheet HTML 2Page - Microchip Technology HV7351 Datasheet HTML 3Page - Microchip Technology HV7351 Datasheet HTML 4Page - Microchip Technology HV7351 Datasheet HTML 5Page - Microchip Technology HV7351 Datasheet HTML 6Page - Microchip Technology HV7351 Datasheet HTML 7Page - Microchip Technology HV7351 Datasheet HTML 8Page - Microchip Technology HV7351 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
 2015 Microchip Technology Inc.
DS20005412A-page 1
HV7351
Features
• Eight Channels with Return-to-Zero (RTZ)
• Up to ±70V Output Voltage
• ±3.0A Output Current
• Stores up to Four Different Patterns
• Independent Programmable Delays
• 80-lead Single 11 x 11 mm VQFN Package
Applications
• Medical Ultrasound Imaging
• NDT, Non-Destructive Testing
• Arbitrary Pattern Generator
• High-Speed PIN Diode Driver
General Description
The HV7351 device is an 8-channel programmable
high-voltage ultrasound-transmit beamformer. Each
channel is capable of swinging up to ±70V with an
active discharge back to 0V. The outputs can source
and sink up to 3.0A to achieve fast output rise and fall
times. The active discharge is also capable of sourcing
and sinking 3.0A for a fast return to ground. The topol-
ogy of the HV7351 will significantly reduce the number
of I/O logic control lines needed.
Each pulser has four associated 64-bit shift registers
for storing predetermined transmit patterns and a 10-bit
delay counter for controlling the transmit time. One of
four arbitrary patterns can be transmitted with adjust-
able delay, depending on the data loaded into these
shift registers and the delay counter. The delay counter
can be clocked up to 200 MHz, allowing incremental
delays down to 5 ns.
Typical Application Circuit
Tx128
TRIG
Tx127
Tx3
Tx2
Tx1
tDELAY1
TRIG
HV7351
8-channel
U1
HV7351
8-channel
U2
HV7351
8-channel
U16
tDELAY2
tDELAY3
tDELAY127
tDELAY128
E3
E1
E2
E127
E128
Array
Probe
8-Channel, ±70V, 3A Programmable High-Voltage
Ultrasound-Transmit Beamformer


Similar Part No. - HV7351

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7351 SUTEX-HV7351 Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
Microchip Technology
HV7351 MICROCHIP-HV7351 Datasheet
732Kb / 28P
8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
Revision B October 2019
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
logo
Microchip Technology
HV7351K6-G MICROCHIP-HV7351K6-G Datasheet
732Kb / 28P
8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
Revision B October 2019
HV7351 MICROCHIP-HV7351_V01 Datasheet
732Kb / 28P
8-Channel, ±70V, 3A Programmable High-Voltage Ultrasound-Transmit Beamformer
Revision B October 2019
More results

Similar Description - HV7351

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC96C55 TELCOM-TC96C55 Datasheet
106Kb / 9P
3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
logo
Agere Systems
LSP2908 AGERE-LSP2908 Datasheet
160Kb / 8P
8-Channel, High-Voltage Driver
September 2001
logo
List of Unclassifed Man...
USH5008 ETC-USH5008 Datasheet
3Mb / 4P
HIGH VOLTAGE 8 CHANNEL ANALOG SWITCH
USH5010 ETC1-USH5010 Datasheet
6Mb / 8P
HIGH VOLTAGE 8-CHANNEL ANALOG SWITCH
logo
Supertex, Inc
HV7351K6-G SUTEX-HV7351K6-G Datasheet
924Kb / 15P
Eight Channel Programmable High Voltage Ultrasound Transmit Beamformer
HV7331 SUTEX-HV7331 Datasheet
804Kb / 9P
Four Channel, High Speed 짹70V 2.0A Ultrasound RTZ Pulser
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
3A High Voltage Boost Converter
logo
Kinetic Technologies.
KTB8330 KINETIC-KTB8330 Datasheet
154Kb / 2P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
KTB8331 KINETIC-KTB8331 Datasheet
1Mb / 25P
3A, 2.4MHz, Low-Voltage, I2C Programmable Buck Regulator
December 2021 - Revision 04b
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com