Electronic Components Datasheet Search
  English  ▼

X  

HV7022 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV7022
Description  34-Channel Symmetric Row Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7022 Datasheet(HTML) 5 Page - Microchip Technology

  HV7022 Datasheet HTML 1Page - Microchip Technology HV7022 Datasheet HTML 2Page - Microchip Technology HV7022 Datasheet HTML 3Page - Microchip Technology HV7022 Datasheet HTML 4Page - Microchip Technology HV7022 Datasheet HTML 5Page - Microchip Technology HV7022 Datasheet HTML 6Page - Microchip Technology HV7022 Datasheet HTML 7Page - Microchip Technology HV7022 Datasheet HTML 8Page - Microchip Technology HV7022 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
 2016 Microchip Technology Inc.
DS20005428A-page 5
HV7022
1.1
Power up and Recommended
Operating Conditions
To power-up HV7022, perform the following power-up
sequence:
1.
Connect ground
2.
Apply VDD
3.
Set all inputs (Data, CLK, Enable, etc) to a
known state.
4.
Apply VPP (VPP should not drop below VDD or
float during operation).
To power-down the device, reverse the steps above.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Units
VDD
Logic supply voltage
10.8
13.2
V
VPP
High voltage supply
–
230
V
VIH
High-level input voltage
VDD = 10.8
8.1
–
V
VDD = 13.2
9.9
–
VIL
Low-level input voltage
VDD = 10.8
-
2.7
V
VDD = 13.2
-
3.3
fCLK
Clock frequency
-
4.0
MHz
TA
Operating free-air temperature
-40
+85
°C
IOD
Allowable pulsed current through output diode.
–
±300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com