Electronic Components Datasheet Search
  English  ▼

X  

HV7022 Datasheet(PDF) 1 Page - Microchip Technology

Part # HV7022
Description  34-Channel Symmetric Row Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7022 Datasheet(HTML) 1 Page - Microchip Technology

  HV7022 Datasheet HTML 1Page - Microchip Technology HV7022 Datasheet HTML 2Page - Microchip Technology HV7022 Datasheet HTML 3Page - Microchip Technology HV7022 Datasheet HTML 4Page - Microchip Technology HV7022 Datasheet HTML 5Page - Microchip Technology HV7022 Datasheet HTML 6Page - Microchip Technology HV7022 Datasheet HTML 7Page - Microchip Technology HV7022 Datasheet HTML 8Page - Microchip Technology HV7022 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
 2016 Microchip Technology Inc.
DS20005428A-page 1
Features
• High-Voltage CMOS technology
• Symmetric row drive (reduces latent imaging in
ACTFEL displays)
• Output voltage up to +230V
• Low power level shifting
• Source/sink current minimum 70 mA
• Shift register speed 4.0 MHz
• Pin-programmable shift direction
Description
HV7022 is a low-voltage serial to high-voltage parallel
converter with push-pull outputs. It is especially suited
for use as a symmetric row driver in AC thin-film elec-
troluminescent (ACTFEL) displays. HV7022 offers 34
output lines, a direction (DIR) pin to give CW or CCW
shift register loading, output enable (OE), and polarity
(POL) control. After data is entered on the falling edge
of CLK, a logic high will cause the output to swing to
VPP if POL is high, or to GND if POL is low.
Package Type
44-Lead PLCC
See Table 2-1 for pin information
1 44
6
40
HV7022
34-Channel Symmetric Row Driver


Similar Part No. - HV7022

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
34-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C Datasheet
943Kb / 8P
34-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C_07 Datasheet
943Kb / 8P
34-Channel Symmetric Row Driver
HV7022C SUTEX-HV7022C Datasheet
757Kb / 9P
34-Channel Symmetric Row Driver
HV7022DJ-C SUTEX-HV7022DJ-C Datasheet
455Kb / 6P
34-Channel Symmetric Row Driver
More results

Similar Description - HV7022

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7022-C SUTEX-HV7022-C Datasheet
455Kb / 6P
34-Channel Symmetric Row Driver
HV7224 SUTEX-HV7224 Datasheet
466Kb / 7P
40-Channel Symmetric Row Driver
HV7022-C SUTEX-HV7022-C_07 Datasheet
943Kb / 8P
34-Channel Symmetric Row Driver
HV7224PG-G SUTEX-HV7224PG-G Datasheet
564Kb / 7P
40-Channel Symmetric Row Driver
HV7022PJ-C-G SUTEX-HV7022PJ-C-G Datasheet
757Kb / 9P
34-Channel Symmetric Row Driver
logo
RF Micro Devices
RFSW6223 RFMD-RFSW6223 Datasheet
818Kb / 8P
DPDT SYMMETRIC SWITCH
logo
Vincotech
10-FZ06NBA100SG10-M305L58 VINCOTECH-10-FZ06NBA100SG10-M305L58 Datasheet
2Mb / 18P
symmetric booster
10-FZ07NBA100SM10-M305L68 VINCOTECH-10-FZ07NBA100SM10-M305L68 Datasheet
1Mb / 16P
Symmetric booster
logo
Supertex, Inc
HV7224 SUTEX-HV7224_13 Datasheet
657Kb / 7P
40-Channel Symmetric Row Driver
logo
Fairchild Semiconductor
AN-4158 FAIRCHILD-AN-4158 Datasheet
623Kb / 6P
Symmetric Dual N-Channel Shielded Gate PowerTrench
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com