Electronic Components Datasheet Search
  English  ▼

X  

HV7022 Datasheet(PDF) 8 Page - Microchip Technology

Part # HV7022
Description  34-Channel Symmetric Row Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV7022 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HV7022 Datasheet HTML 4Page - Microchip Technology HV7022 Datasheet HTML 5Page - Microchip Technology HV7022 Datasheet HTML 6Page - Microchip Technology HV7022 Datasheet HTML 7Page - Microchip Technology HV7022 Datasheet HTML 8Page - Microchip Technology HV7022 Datasheet HTML 9Page - Microchip Technology HV7022 Datasheet HTML 10Page - Microchip Technology HV7022 Datasheet HTML 11Page - Microchip Technology HV7022 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HV7022
DS20005428A-page 8
 2016 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
Table 3-1 provides functional information about HV7022.
Note 1: H = logic high level, L = logic low level, X = irrelevant, ↓ = high-to-low transition
Q1 = HVOUT1, Qn = HVOUTn, etc.
* = dependent on previous state and whether an O/P or S/R command occurred.
FIGURE 3-1:
HVOUT Characteristics
FIGURE 3-2:
Input and Output Equivalent Circuits
TABLE 3-1:
FUNCTIONAL TABLE CLK
I/O
Relations
Inputs
Outputs
CLK
DIR
DATA
POL
OE
Shift Reg
HVOUT
DATA OUT
O/P HIGH
X
X
H
H
H
*
H
*
O/P OFF
X
X
L
H
H
*
HIGH-Z
*
O/P LOW
X
X
H
L
H
*
L
*
O/P OFF
X
X
L
L
H
*
HIGH-Z
*
O/P OFF
X
X
X
X
L
*
All O/P
HIGH-Z
*
Load S/R,
set DIR
↓
LX
X
X
Qn→Qn+1
*
Q34
↓
HX
X
X
Qn→Qn-1
*
Q1
No ↓
X
X
X
X
*
No Change
No Change
Volts
0
20
40
60
80
100
180
140
100
60
20
0
20
40
60
80
100
V
PP > 40V
V
DD = 12V & 14V
180
140
100
60
20
Volts (V
PP - HVOUT)
Temp = 25OC
V
DD = 12V
Output N-Channel Characteristics through FET
Output P-Channel Characteristics through FET
Temp = 25OC
V
DD = 14V
V
DD = 10V
VDD
DATA
INPUT
GND
VPP
GND
HV
OUT
Logic Inputs
GND
DATA
OUT
Logic Data Output
High Voltage Outputs
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com