Electronic Components Datasheet Search
  English  ▼

X  

HV582 Datasheet(PDF) 9 Page - Microchip Technology

Part # HV582
Description  96-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV582 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HV582 Datasheet HTML 5Page - Microchip Technology HV582 Datasheet HTML 6Page - Microchip Technology HV582 Datasheet HTML 7Page - Microchip Technology HV582 Datasheet HTML 8Page - Microchip Technology HV582 Datasheet HTML 9Page - Microchip Technology HV582 Datasheet HTML 10Page - Microchip Technology HV582 Datasheet HTML 11Page - Microchip Technology HV582 Datasheet HTML 12Page - Microchip Technology HV582 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2015 Microchip Technology Inc.
DS20005455A-page 9
HV582
2.1
High-Voltage Output Pins
(HVOUT1 to HVOUT96)
These
are
the
high-voltage
output
channels
(Push-Pull).
2.2
High-Voltage Power Supply Pins
(VPP)
High-voltage power supply pins for the output channels
(HVOUTn).
2.3
High-Voltage Ground Pins (HVGND)
High-voltage ground pins provide the reference ground
level for the high-voltage output channels.
2.4
Logic Power Supply Pins (VDD)
Logic power supply pins for the 16-bit shift registers,
96-bit latch and decoders.
2.5
Data Input/Output Pins
(D1B, D2B, D3B, D4B, D5B, D6B)
Data Input/Output pins are configurable as inputs or
outputs for the shift registers depending on the state of
the Direction pin (DIR).
When DIR is High, pins D1B to D6B are configured as
inputs to the data shift registers. When DIR is Low,
these pins are configured as outputs of the data shift
registers.
2.6
Polarity Pin (POL)
The Polarity pin inverts the current state for all the
HVOUTn channels (from High to Low or Low to High)
when set High.
2.7
Output Enable Pin (OE)
The Output Enable pin controls the functionality of the
high-voltage output channels.
When OE is High, all HVOUTn channels are enabled and
form a push-pull configuration to operate according to
input data or OL, OH or POL configuration states. When
OE is Low, all HVOUTn channels are forced to a high-
impedance state, regardless of the data stored in the 96-
bit latch or the states of the OL, OH and POL pins.
2.8
Output Low Pin (OL)
The Output Low pin sets all high-voltage output chan-
nels (HVOUT1 to HVOUT96) to a Low level state
(HVGND).
When OL is set Low and OE is High, all the HVOUTn
channels are forced to a Low-level state (HVGND),
regardless of the data stored in the 96-bit latch. See
Table 1-2 for more information.
2.9
Output High Pin (OH)
The Output High pin sets all high-voltage output chan-
nels (HVOUT1 to HVOUT96) to a High-level state (VPP).
When OH is Low while OE and OL are High, all the
HVOUTn channels are forced to a High-level state
(VPP), regardless of the data stored in the 96-bit latch.
See Table 1-2 for more information.
2.10
Direction Pin (DIR)
The DIR pin controls the direction of the input data flow
for the input registers, whether it is clockwise (DnA to
DnB) or counter-clockwise (DnB to DnA).
When DIR is set High, data flows from DnB to DnA.
When DIR is set Low, data flows from DnA to DnB. See
Table 1-3 for more information.
2.11
Logic Ground Pins (GND)
Logic ground pins provide a reference ground level for
the low-voltage section of the IC, shift registers, latches
and decoders.
2.12
Reset Pin (RST)
The RST pin clears shift registers and the 96-bit latch
data content when it is set High. See Table 1-2 for
more information.
2.13
Latch Enable Pin (LE)
The Latch Enable pin controls the data transfer from the
input shift registers to the 96-bit latch and the HVOUTn
channels. See Table 1-2 for more information.
2.14
Clock Input Pin (CLK)
This is the clock input pin for the 16-bit input shift registers.
2.15
Data Input/Output Pins
(D1A, D2A, D3A, D4A, D5A, D6A)
The Data Input/Output pins are configurable as inputs
or outputs for the shift registers depending on the state
of the Direction pin (DIR).
When DIR is Low, pins D1A to D6A are configured as
inputs to the data shift registers. When DIR is High,
pins D1A to D6A are configured as outputs of the data
shift registers.
2.16
No Connection Pins (NC)
NC pins do not have any functionality on the IC. These
pins should not be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com