Electronic Components Datasheet Search
  English  ▼

X  

MCP1804 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1804_13 Datasheet HTML 19Page - Microchip Technology MCP1804_13 Datasheet HTML 20Page - Microchip Technology MCP1804_13 Datasheet HTML 21Page - Microchip Technology MCP1804_13 Datasheet HTML 22Page - Microchip Technology MCP1804_13 Datasheet HTML 23Page - Microchip Technology MCP1804_13 Datasheet HTML 24Page - Microchip Technology MCP1804_13 Datasheet HTML 25Page - Microchip Technology MCP1804_13 Datasheet HTML 26Page - Microchip Technology MCP1804_13 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 23
MCP1804
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3-Lead SOT-223
Example
84K25
Part Number
Code
MCP1804T-1802I/DB
84KXX
MCP1804T-2502I/DB
84TXX
MCP1804T-3002I/DB
84ZXX
MCP1804T-3302I/DB
852XX
MCP1804T-5002I/DB
85MXX
MCP1804T-A002I/DB
879XX
MCP1804T-C002I/DB
87ZXX
3-Lead SOT-89
Example
Part Number
Code
MCP1804T-1802I/MB
84KXX
MCP1804T-2502I/MB
84TXX
MCP1804T-3002I/MB
84ZXX
MCP1804T-3302I/MB
852XX
MCP1804T-5002I/MB
85MXX
MCP1804T-A002I/MB
879XX
MCP1804T-C002I/MB
87ZXX
84K
25
5-Lead SOT-23
Example
Part Number
Code
MCP1804T-1802I/OT
80KXX
MCP1804T-2502I/OT
80TXX
MCP1804T-3002I/OT
80ZXX
MCP1804T-3302I/OT
812XX
MCP1804T-5002I/OT
81MXX
MCP1804T-A002I/OT
839XX
MCP1804T-C002I/OT
83ZXX
80K25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com