Electronic Components Datasheet Search
  English  ▼

X  

MCP1804 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP1804_13 Datasheet HTML 28Page - Microchip Technology MCP1804_13 Datasheet HTML 29Page - Microchip Technology MCP1804_13 Datasheet HTML 30Page - Microchip Technology MCP1804_13 Datasheet HTML 31Page - Microchip Technology MCP1804_13 Datasheet HTML 32Page - Microchip Technology MCP1804_13 Datasheet HTML 33Page - Microchip Technology MCP1804_13 Datasheet HTML 34Page - Microchip Technology MCP1804_13 Datasheet HTML 35Page - Microchip Technology MCP1804_13 Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
MCP1804
DS20002200D-page 34
 2009-2013 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
-XX
Voltage
Package
Temperature
Range
Device
Device:
MCP1804T:
LDO Voltage Regulator (Tape and Reel)
Voltage Options:
18 = 1.8V
25 = 2.5V
30 = 3.0V
33 = 3.3V
50 = 5.0V
A0 = 10V
C0 = 12V
J0 = 18V
Output Voltage
Tolerance:
02 = ±2%
Temperature
Range:
I= -40
C to +85C (Industrial)
Package:
DB
= 3-lead Plastic Small Outline Transistor (SOT-223)
MB
= 3-lead Plastic Small Outline Transistor (SOT-89)
MT
= 5-lead Plastic Small Outline Transistor (SOT-89)
OT
= 5-lead Plastic Small Outline Transistor (SOT-23)
Examples:
a)
MCP1804T-1802I/OT:
1.8V, 5-LD SOT-23
b)
MCP1804T-2502I/OT:
2.5V, 5-LD SOT-23
c)
MCP1804T-3002I/OT:
3.0V, 5-LD SOT-23
d)
MCP1804T-3302I/OT:
3.3V, 5-LD SOT-23
e)
MCP1804T-5002I/OT:
5.0V, 5-LD SOT-23
f)
MCP1804T-A002I/OT:
10V, 5-LD SOT-23
g)
MCP1804T-C002I/OT:
12V, 5-LD SOT-23
a)
MCP1804T-1802I/MB:
1.8V, 3-LD SOT-89
b)
MCP1804T-2502I/MB:
2.5V, 3-LD SOT-89
c)
MCP1804T-3002I/MB:
3.0V, 3-LD SOT-89
d)
MCP1804T-3302I/MB:
3.3V, 3-LD SOT-89
e)
MCP1804T-5002I/MB:
5.0V, 3-LD SOT-89
f)
MCP1804T-A002I/MB:
10V, 3-LD SOT-89
g)
MCP1804T-C002I/MB:
12V, 3-LD SOT-89
a)
MCP1804T-1802I/MT:
1.8V, 5-LD SOT-89
b)
MCP1804T-2502I/MT:
2.5V, 5-LD SOT-89
c)
MCP1804T-3002I/MT:
3.0V, 5-LD SOT-89
d)
MCP1804T-3302I/MT:
3.3V, 5-LD SOT-89
e)
MCP1804T-5002I/MT:
5.0V, 5-LD SOT-89
f)
MCP1804T-A002I/MT:
10V, 5-LD SOT-89
g)
MCP1804T-C002I/MT:
12V, 5-LD SOT-89
a)
MCP1804T-1802I/DB:
1.8V, 3-LD SOT-223
b)
MCP1804T-2502I/DB:
2.5V, 3-LD SOT-223
c)
MCP1804T-3002I/DB:
3.0V, 3-LD SOT-223
d)
MCP1804T-3302I/DB:
3.3V, 3-LD SOT-223
e)
MCP1804T-5002I/DB:
5.0V, 3-LD SOT-223
f)
MCP1804T-A002I/DB:
10V, 3-LD SOT-223
g)
MCP1804T-C002I/DB:
12V, 3-LD SOT-223
T
Tape
and
Reel
XX
Output
Voltage
Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com