Electronic Components Datasheet Search
  English  ▼

X  

MCP1804 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1804
Description  150 mA, 28V LDO Regulator With Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1804_13 Datasheet HTML 1Page - Microchip Technology MCP1804_13 Datasheet HTML 2Page - Microchip Technology MCP1804_13 Datasheet HTML 3Page - Microchip Technology MCP1804_13 Datasheet HTML 4Page - Microchip Technology MCP1804_13 Datasheet HTML 5Page - Microchip Technology MCP1804_13 Datasheet HTML 6Page - Microchip Technology MCP1804_13 Datasheet HTML 7Page - Microchip Technology MCP1804_13 Datasheet HTML 8Page - Microchip Technology MCP1804_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2009-2013 Microchip Technology Inc.
DS20002200D-page 3
MCP1804
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ........................................................................................................................................................... +30V
Output Current (Continuous)............................................................................................................. PD/(VIN -VOUT) mA
Output Current (Peak).......................................................................................................................................... 300 mA
Output Voltage ...................................................................................................................... (VSS - 0.3V) to (VIN +0.3V)
SHDN Voltage .................................................................................................................................. (VSS - 0.3V) to +30V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for VIN =VR +2.0V, Note 1,
COUT = 1 µF (X7R), CIN = 1 µF (X7R), VSHDN =VIN, TA =+25°C
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input / Output Characteristics
Input Operating
Voltage
VIN
2.0
—
28.0
V
Note 1
Input Quiescent
Current
IQ
—IL =0mA
—50
105
µA
1.8V
 VOUT  5.0V
—
60
115
µA
5.1V
 VOUT  12.0V
—
65
125
µA
12.1V
 VOUT  18.0V
Shutdown Current
ISHDN
—
0.01
0.10
µA
SHDN =0V
Maximum Output
Current
IOUT
—VIN =VR +3.0V
100
—
—
mA
VOUT <3.0V
150
—
—
mA
VOUT  3.0V
Current Limiter
ILIMIT
—
200
—
mA
Output Short Circuit
Current
IOUT_SC
—40
—
mA
Output Voltage
Regulation
VOUT
VR -2.0%
VR
VR +2.0%
V
IOUT =10 mA, Note 2
VOUT Temperature
Coefficient
TCVOUT
—
±100
—
ppm/°C
IOUT =20 mA,
-40°C
 TA 85°C, Note 3
Note 1:
The minimum VIN must meet one condition: VIN  (VR +2.0V).
2:
VR is the nominal regulator output voltage with an input voltage of VIN =VR +2.0V.
For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, etc.
3:
TCVOUT =(VOUT-HIGH -VOUT-LOW)*106 / (VR * Temperature), VOUT-HIGH = highest voltage measured
over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing.
Changes in output voltage due to heating effects are determined using thermal regulation specification
TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
measured value with an applied input voltage of VR +2.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com