Electronic Components Datasheet Search
  English  ▼

X  

TP3404 Datasheet(PDF) 2 Page - Texas Instruments

Part # TP3404
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404 Datasheet(HTML) 2 Page - Texas Instruments

  TP3404 Datasheet HTML 1Page - Texas Instruments TP3404 Datasheet HTML 2Page - Texas Instruments TP3404 Datasheet HTML 3Page - Texas Instruments TP3404 Datasheet HTML 4Page - Texas Instruments TP3404 Datasheet HTML 5Page - Texas Instruments TP3404 Datasheet HTML 6Page - Texas Instruments TP3404 Datasheet HTML 7Page - Texas Instruments TP3404 Datasheet HTML 8Page - Texas Instruments TP3404 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
NRND
TP3404
SNOS703 – DECEMBER 2004
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VDDA/VDDD to GNDA/GNDD
7V
Voltage at Any Li, Lo Pin
VCC + 1V to GND − 1V
Current at Any Lo
±100 mA
Voltage at Any Digital Input
VCC + 1V to GND − 1V
Current at Any Digital Output
±50 mA
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
300°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, limits printed in BOLD characters are specified for VCCA = VCCD = 5V ±5%, TA = 0°C to +70°C.
Typical characteristics are specified at VDDA = VDDD = 5.0V, TA = 25°C. All signals are referenced to GND, which is the
common of GNDA and GNDD
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DIGITAL INTERFACES
VIH
Input High Voltage
All Digital Inputs (DC)
2
V
VIL
Input Low Voltage
All Digital Inputs (DC)
0.8
V
VOH
Output High Voltage
IL = +1 mA
2.4
V
VOL
Output Low Voltage
IL = −1 mA
0.4
V
IIL
Input Low Current
All Digital Input, GND < VIN < VIL
−10
10
μA
IIH
Input High Current
All Digital Input, VIH < VIN < VCC
−10
10
μA
IOZ
Output Current in High Impedance (TRl-STATE) BO, CO, and DO
−10
10
μA
LINE INTERFACES
RLi
Input Resistance
0V < VLi < VCC
20
k
Ω
CLLo
Load Capacitance
From Lo to GND
200
pF
ROLS
Output Resistance
Load = 60
Ω in Series with 2 μF to GND
3
Ω
VDC
Mean DC Voltage at Lo
Load = 200
Ω in Series with 2 μF to GND
1.75
2.25
V
Voltage at LS+, LS
−
POWER DISSIPATION
ICC0
Power Down Current
BCLK = 0 Hz; MCLK = 0 Hz, CCLK = 0 Hz
10
mA
ICC1
Power Up Current
All 4 Channels Activated
75
mA
TRANSMISSION PERFORMANCE
Transmit Pulse Amplitude at Lo
RL = 200Ω in Series with 2 μF to GND
1.1
1.3
1.5
Vpk
Input Pulse Amplitude at Li
±60
mVpk
TIMING SPECIFICATIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MASTER CLOCK INPUT SPECIFICATIONS
fMCLK
Frequency of MCLK
4.096
MHz
Master Clock Tolerance
Relative 2X MCLK in Slave
−100
+100
ppm
tWMH
Period of MCLK High
Measured from VIH to VIH
70
ns
tWML
Period of MCLK Low
Measured from VIL to VIL
70
ns
tRM
Rise Time of MCLK
Measured from VIL to VIH
15
ns
tFM
Fall Time of MCLK
Measured from VIH to VIL
15
ns
2
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com