Electronic Components Datasheet Search
  English  ▼

X  

TP3404 Datasheet(PDF) 11 Page - Texas Instruments

Part # TP3404
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TP3404 Datasheet HTML 7Page - Texas Instruments TP3404 Datasheet HTML 8Page - Texas Instruments TP3404 Datasheet HTML 9Page - Texas Instruments TP3404 Datasheet HTML 10Page - Texas Instruments TP3404 Datasheet HTML 11Page - Texas Instruments TP3404 Datasheet HTML 12Page - Texas Instruments TP3404 Datasheet HTML 13Page - Texas Instruments TP3404 Datasheet HTML 14Page - Texas Instruments TP3404 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NRND
TP3404
www.ti.com
SNOS703 – DECEMBER 2004
When the transmit direction (towards the line) is disabled there will be all “ONE's” (scrambled) as data for this
channel at the Lo pin. If the receive direction (from the line) is disabled, BO will stay high impedance for the
programmed time slot while, if it is enabled, data out on BO in the assigned time slot is the data from Li.
BITS 5–0: TS5–TS0
These bits define the binary number of the time-slot selected. Time-slots are numbered from 0–63. The frame
sync signal is used as marker pulses for the beginning of time slot 0.
Table 4. Byte 2 of Register TSXB1, TSXB2, TSRB1 or TSRB2 for B Channel Time-Slot Assignment
Bit Number and Name
Function
7
6
5
4
3
2
1
0
EB
X
TS5
TS4
TS3
TS2
TS1
TS0
0
X
X
X
X
X
X
X
Disable B1 and/or B2
1
X
Assign One Binary Coded Time-Slot from 0–63
Enable B1 and/or B2
REGISTERS TXD, TRD
The data format for all D channel time-slot assignment registers is as follows:
Data transparency between the digital interface and the line interface for the D channels can be controlled via the
Channel Control Register, see Table 3.
BITS 7–0: TS7–TS0
These bits define the binary number of the sub-slot selected. Sub-slots are numbered from 0–255. The frame
sync signal is used as marker pulses for the beginning of Sub-slot 0.
Table 5. Byte 2 of Register TSXD or TSRD for D Channel Time-Slot Assignment
Bit Number and Name
7
6
5
4
3
2
1
0
SS
SS
SS
SS
SS
SS
SS
SS
7
6
5
4
3
2
1
0
Assign One Binary Coded Sub-Slot from 0–255 for D Channel
Figure 5. QDASL Digital Interface Timing
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com