Electronic Components Datasheet Search
  English  ▼

X  

TP3404 Datasheet(PDF) 8 Page - Texas Instruments

Part # TP3404
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TP3404 Datasheet HTML 4Page - Texas Instruments TP3404 Datasheet HTML 5Page - Texas Instruments TP3404 Datasheet HTML 6Page - Texas Instruments TP3404 Datasheet HTML 7Page - Texas Instruments TP3404 Datasheet HTML 8Page - Texas Instruments TP3404 Datasheet HTML 9Page - Texas Instruments TP3404 Datasheet HTML 10Page - Texas Instruments TP3404 Datasheet HTML 11Page - Texas Instruments TP3404 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NRND
TP3404
SNOS703 – DECEMBER 2004
www.ti.com
ACTIVATION AND LOOP SYNCHRONIZATION
Activation (i.e. power-up and loop synchronization) may be initiated from either end of the loop. If the master
(QDASL) end is activating the loop, it sends normal bursts of scrambled “1”s which are detected by the slave's
line-signal-detect circuitry. The slave then replies with bursts of scrambled “1”s synchronized to the received
bursts, and the Framing Detection circuit at each end searches for 4 consecutive correctly formatted receive
bursts to acquire full loop synchronization. The QDASL receiver indicates when it is correctly in sync with
received bursts by setting an indication in the Status Register and pulling the INT pin low.
For the slave end to initiate activation, it begins transmission of alternate bursts i.e., the burst repetition rate is 2
kHz, not 4 kHz. At this point the slave is running from its local oscillator and is not receiving any sync information
from the master. When the master's Line-Signal Detect Circuit recognizes this “wake-up” signal, the appropriate
QDASL line must be activated by writing to the Control Register. The master begins to transmit bursts
synchronized, as normal, to the FS input with a 4 kHz repetition rate. This enables the slave's receiver to
correctly identify burst timing from the master and to re-synchronize its own burst transmissions to those it
receives. The Framing Detection Circuits then acquire full loop sync as described earlier.
Loop synchronization is considered to be lost if the Framing Detection Circuit does not find four framing marks of
the four consecutive 4 kHz line frames. At this point an indication is set in the Status Register, the INT output is
pulled low, and the receiver searches to re-acquire loop sync.
MICROWIRE CONTROL INTERFACE
A serial interface, which can be clocked independently from the B and D channel system interfaces, is provided
for microcontroller access to the time-slot assignment, Control and Status Registers in the QDASL. The
microcontroller is normally the timing master of this interface, and it supplies the CCLK and CS signals.
All data transfers consist of simultaneous read and write cycles, in which 2 continuous bytes are sampled on the
CI pin, at the same time as 2 bytes are shifted out from the CO pin, see Figure 7. The first byte is a register
address and the second is the data. To initiate a Microwire read/write cycle, CS must be pulled low for 16 cycles
of CCLK. Data on CI is sampled on rising edges of CCLK, and shifted out from CO on failing edges. When CS is
high, the CO pin is in the high-impedance TRI-STATE, enabling the CO pins of many devices to be multiplexed
together.
Whenever a change (except Bipolar Violation) in any of the QDASL status conditions occurs, the Interrupt output
INT is pulled low to alert the microprocessor to initiate a read cycle of the Status Register. This latched output is
cleared when the read cycle is initiated.
Table 1 lists the address map of control functions and status indicators. Table 2 lists the addresses for the
Control Registers for each QDASL line. Even-numbered addresses are read-write cycles, in which the data
returned by the CO pin is previous contents of the addressed register. Odd-numbered addresses are readback
commands only.
Table 1. Global Register Address Map
Address
Registers
(Hex)
00–0F
LINE 0 Control (TSX,TSR,CTRL)
10–1F
LINE 1 Control (TSX,TSR,CTRL)
20–2F
LINE 2 Control (TSX,TSR,CTRL)
30–3F
LINE 3 Control (TSX,TSR,CTRL)
40–CF
Not used
FF
Common Status Register for all lines (0–3).
See Table 6
8
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com