Electronic Components Datasheet Search
  English  ▼

X  

PCM3010DBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DBR
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DBR Datasheet(HTML) 5 Page - Texas Instruments

  PCM3010DBR Datasheet HTML 1Page - Texas Instruments PCM3010DBR Datasheet HTML 2Page - Texas Instruments PCM3010DBR Datasheet HTML 3Page - Texas Instruments PCM3010DBR Datasheet HTML 4Page - Texas Instruments PCM3010DBR Datasheet HTML 5Page - Texas Instruments PCM3010DBR Datasheet HTML 6Page - Texas Instruments PCM3010DBR Datasheet HTML 7Page - Texas Instruments PCM3010DBR Datasheet HTML 8Page - Texas Instruments PCM3010DBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
5
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTIONS
NAME
NO.
I/O
DESCRIPTIONS
AGND1
6
–
ADC analog ground
AGND2
20
–
DAC analog ground
BCK
11
I
Audio data bit clock input‡
DEMP1
18
I
De-emphasis select input, 1†
DEMP0
19
I
De-emphasis select input, 0†
DGND
14
–
Digital ground
DIN
12
I
Audio data digital input‡
DOUT
13
O
Audio data digital output
FMT0
7
I
Audio data format select input, 0†
FMT1
8
I
Audio data format select input, 1†
LRCK
10
I
Audio data latch enable input‡
PDWN
17
I
ADC and DAC power-down control input, active LOW†
SCKI
16
I
System clock input‡
TEST
9
I
Test control, must be open or connected to DGND†
VCC1
5
–
ADC analog power supply, 5 V
VCC2
21
–
DAC analog power supply, 5 V
VCOM
24
–
DAC common voltage decoupling (= 0.5 VCC2)
VDD
15
–
Digital power supply, 3.3 V
VINL
1
I
ADC analog input, L-channel
VINR
2
I
ADC analog input, R-channel
VOUTL
23
O
DAC analog output, L-channel
VOUTR
22
O
DAC analog output, R-channel
VREF1
3
–
ADC reference voltage decoupling, 1 (= 0.5 VCC1)
VREF2
4
–
ADC reference voltage decoupling, 2
† Schimtt-trigger input with 50-k
Ω typical internal pulldown resistor, 5-V tolerant.
‡ Schimtt-trigger input, 5-V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com