Electronic Components Datasheet Search
  English  ▼

X  

PCM3010DBR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DBR
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DBR Datasheet(HTML) 22 Page - Texas Instruments

Back Button PCM3010DBR Datasheet HTML 18Page - Texas Instruments PCM3010DBR Datasheet HTML 19Page - Texas Instruments PCM3010DBR Datasheet HTML 20Page - Texas Instruments PCM3010DBR Datasheet HTML 21Page - Texas Instruments PCM3010DBR Datasheet HTML 22Page - Texas Instruments PCM3010DBR Datasheet HTML 23Page - Texas Instruments PCM3010DBR Datasheet HTML 24Page - Texas Instruments PCM3010DBR Datasheet HTML 25Page - Texas Instruments PCM3010DBR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
22
www.ti.com
system clock (continued)
tSCKH
System Clock
0.8 V
2.0 V
tSCKL
1/128 fS or 1/192 fS
1/256 fS or 1/384 fS
1/512 fS or 1/768 fS
PARAMETER
MIN
MAX
UNIT
tSCKH
System clock pulse duration HIGH
8
ns
tSCKL
System clock pulse duration LOW
8
ns
Figure 44. System Clock Timing
power supply on, external reset, and power down
The PCM3010 has both an internal power-on reset circuit and an external reset circuit. The sequences for both
resets are explained as follows.
Figure 45 is the timing diagram for the internal power-on reset. Two power-on reset circuits are implemented
for VCC1 and VDD, respectively. Initialization (reset) occurs automatically when VCC1 and VDD exceed 4.0 V and
2.2 V, typically.
Internal reset is released 1024 SCKI clock cycles following the release from power-on reset, and the PCM3010
begins normal operation. VOUTL and VOUTR from the DAC are forced to the VCOM (= 0.5 VCC2) level as VCC2
rises. When synchronization between SCKI, BCK and LRCK is obtained while VOUTL and VOUTR go into the
fade sequence and provide outputs corresponding to DIN after tDACDLY1 = 2100/fS following release from
power-on reset. On the other hand, DOUT from the ADC provides an output corresponding to VINL and VINR
after tADCDLY1 = 4500/fS following release from power-on reset. If the synchronization is not held, the internal
reset is not released and device operation remains in the power-down mode. After resynchronization, the DAC
performs the fade-in sequence and the ADC resumes normal operation following internal initialization.
Figure 46 is the external-reset timing diagram. External forced reset, driving the PDWN pin LOW, puts the
PCM3010 in the power-down mode, which is its lowest power-dissipation state.
When PDWN transitions from HIGH to LOW while synchronization is maintained between SCKI, BCK, and
LRCK, then VOUTLandVOUTRarefadedoutandforcedtotheVCOM(=0.5VCC2)levelaftertDACDLY1=2100/fS.
At the same time as the internal reset becomes LOW, DOUT becomes ZERO, the PCM3010 enters into
power-down mode. To enter into normal operation mode again, change PDWN to HIGH again. The reset
sequence shown in Figure 45 occurs.
Notes:
1.
A large popping noise may be generated on VOUTL and VOUTR when the power supply is turned off during
normal operation.
2.
To switch PDWN during fade in or fade out causes an immediate change between fade in and fade out.
3.
To switch the control pins on the fly during normal operation can degrade analog performance. It is
recommended that changing control pins, changing clocks, stopping clocks, turning power supplies off, etc.,
be done in the power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com