Electronic Components Datasheet Search
  English  ▼

X  

PCM3010DBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DBR
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010DBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM3010DBR Datasheet HTML 6Page - Texas Instruments PCM3010DBR Datasheet HTML 7Page - Texas Instruments PCM3010DBR Datasheet HTML 8Page - Texas Instruments PCM3010DBR Datasheet HTML 9Page - Texas Instruments PCM3010DBR Datasheet HTML 10Page - Texas Instruments PCM3010DBR Datasheet HTML 11Page - Texas Instruments PCM3010DBR Datasheet HTML 12Page - Texas Instruments PCM3010DBR Datasheet HTML 13Page - Texas Instruments PCM3010DBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
10
www.ti.com
digital filter (continued)
Figure 6. Low-Cut HPF Stop-Band Characteristics
Frequency [
× fS/1000]
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.0
0.1
0.2
0.3
0.4
0.5
AMPLITUDE
vs
FREQUENCY
Figure 7. Low-Cut HPF Pass-Band Characteristics
Frequency [
× fS/1000]
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0
123
4
AMPLITUDE
vs
FREQUENCY
0.0
analog filter
Figure 8. Antialiasing Filter Stop-Band
Characteristics
–50
–40
–30
–20
–10
0
f – Frequency – Hz
AMPLITUDE
vs
FREQUENCY
10
100
1k
10M
10k
100k
1M
Figure 9. Antialiasing Filter Pass-Band
Characteristics
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
f – Frequency – Hz
AMPLITUDE
vs
FREQUENCY
10
100
1k
10M
10k
100k
1M
0.0
All specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 44.1 kHz, SCKI = 384 fS, 24-bit data, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com