Electronic Components Datasheet Search
  English  ▼

X  

INA216 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA216 Datasheet(HTML) 3 Page - Texas Instruments

  INA216 Datasheet HTML 1Page - Texas Instruments INA216 Datasheet HTML 2Page - Texas Instruments INA216 Datasheet HTML 3Page - Texas Instruments INA216 Datasheet HTML 4Page - Texas Instruments INA216 Datasheet HTML 5Page - Texas Instruments INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
OUT
A2
A1
B2
B1
IN-
IN+
GND
NC
(1)
NC
(1)
NC
(1)
IN+
IN+
IN-
IN-
NC
(1)
8
9
10
5
4
3
1
2
7
6
GND
OUT
INA216
www.ti.com
SBOS503C
– JUNE 2010 – REVISED NOVEMBER 2011
THERMAL INFORMATION
INA216A1YFF,
INA216A2YFF
INA216A3YFF,
THERMAL METRIC(1)
UNITS
INA216A4YFF
YFF
4 PINS
θJA
Junction-to-ambient thermal resistance
160
θJC(top)
Junction-to-case(top) thermal resistance
75
θJB
Junction-to-board thermal resistance
76
°C/W
ψJT
Junction-to-top characterization parameter
3
ψJB
Junction-to-board characterization parameter
74
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
THERMAL INFORMATION
INA216A1RSW,
INA216A2RSW
INA216A3RSW,
THERMAL METRIC(1)
UNITS
INA216A4RSW
RSW
10 PINS
θJA
Junction-to-ambient thermal resistance
114.9
θJC(top)
Junction-to-case(top) thermal resistance
66.3
θJB
Junction-to-board thermal resistance
21.4
°C/W
ψJT
Junction-to-top characterization parameter
1.9
ψJB
Junction-to-board characterization parameter
21.4
θJC(bottom)
Junction-to-case(bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
PIN CONFIGURATIONS
RSW PACKAGE
YFF PACKAGE
ThinQFN-10
WCSP-4
(TOP VIEW)
(TOP VIEW)
(2)
Bump side down. Drawing not to scale.
(3)
Power
supply
is
derived
from
shunt
(minimum common-mode range = 1.8V)
(1)
No internal connection.
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com