Electronic Components Datasheet Search
  English  ▼

X  

INA216 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA216 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments INA216 Datasheet HTML 11Page - Texas Instruments INA216 Datasheet HTML 12Page - Texas Instruments INA216 Datasheet HTML 13Page - Texas Instruments INA216 Datasheet HTML 14Page - Texas Instruments INA216 Datasheet HTML 15Page - Texas Instruments INA216 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Error_R
=
FILTER
? 100
(I
I
)
R
V
-
FILTER
SHUNT
IN+
IN-
?
V
OUT
IN-
IN+
GND
R
SHUNT
C
FILTER
INA216
Load
V
CM
R
10
FILTER
W
?
R
10
FILTER
W
?
V
OUT
IN-
IN+
GND
R
SHUNT
INA216
Load
V
CM
R
10W
PROTECT
?
R
10W
PROTECT
?
Z
2
Z
1
INA216
SBOS503C
– JUNE 2010 – REVISED NOVEMBER 2011
www.ti.com
Input Filtering
driving any current). Connecting a 100k
Ω load to the
4V output now increases the current by an additional
An ideal location where filtering is implemented is at
40
μA. This increase in current flowing through the
the inputs for a device. Placing an input filter in front
IN+ pin would change the additional gain error from
of the INA216, though, is not recommended but can
0.3% to 1.3%.
be implemented if it is determined to be necessary.
This
location
is
not
recommended
for
filtering
If filtering is required for the application and the gain
because adding input filters induces an additional
error introduced by the input filter resistors exceeds
gain error to the device that can easily exceed the
the available error budget for this circuit, a filter can
device maximum gain error specification of 0.2%. In
be implemented following the INA216. Placing a filter
the INA216, the nominal current into the IN+ pin is in
at the output of the current shunt monitor is not
the range of 13
μA while the bias current into the IN–
typically the ideal location because the benefit of the
pin is in the range of approximately 3
μA. The current
low impedance output of the amplifier is lost.
flowing into the IN+ pin includes both the input bias
Applications that require the low impedance output
current as well as the quiescent current. Where the
require an additional buffer amplifier that follows the
issue of input filtering begins to become more of an
post current shunt monitor filter.
issue is that as the quiescent current of the INA216
also flows through the IN+ pin, when the output
Using the INA216 With Transients Above 5.5V
begins to drive current, this additional current also
With a small amount of additional circuitry, INA216
flows through the IN+ pin, creating an even larger
can be used in circuits subject to transients higher
error.
than 5.5V. Use only zener diode or zener-type
Placing a typical common-mode filter of 10
Ω in series
transient absorbers, which are sometimes referred to
with each input and a 0.1
μF capacitor across the
as Transzorbs. Any other type of transient absorber
input pins, as shown in Figure 21, introduces an
has an unacceptable time delay. To use these
additional gain error into the system. For example,
protection devices, resistors are required in series
consider an application using the INA216A3 with a
with the INA216 inputs, as shown in Figure 22. These
full-scale output of 4V, assuming that the device is
resistors serve as a working impedance for the zener.
not driving any output current. The shunt voltage
It is desirable to keep these resistors as small as
needed to create the 4V output with a gain of 100 is
possible because of the error described in the Input
40mV. With 10
Ω filter resistors on each input, there is
Filtering section. These protection resistors are most
a difference voltage created that subtracts from the
often around 10
Ω. Larger values can be used with a
40mV full-scale differential current. The error can be
greater impact to the total gain error. Because this
calculated using Equation 2.
circuit
limits
only
short-term
transients,
many
applications are satisfied with a 10
Ω resistor along
with conventional zener diodes of the lowest power
(2)
rating that can be found. This combination uses the
least amount of board space. These diodes can be
found in packages as small as SOT-523 or SOD-523.
The use of these protection components may allow
the INA216 to survive from being damaged in
environments where large transients are common.
Figure 21. Input Filter
As mentioned previously, the current flowing into the
IN+ pin increases once the output begins to drive
current because of the quiescent current also flowing
Figure 22. Transient Protection Using Dual Zener
into the IN+ pin. The previous example resulted in an
Diodes
additional gain error of 0.3% as a result of the 10
Ω
filter resistors (assuming the output stage was not
12
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com