Electronic Components Datasheet Search
  English  ▼

X  

INA216 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA216
Description  Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA216 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA216 Datasheet HTML 2Page - Texas Instruments INA216 Datasheet HTML 3Page - Texas Instruments INA216 Datasheet HTML 4Page - Texas Instruments INA216 Datasheet HTML 5Page - Texas Instruments INA216 Datasheet HTML 6Page - Texas Instruments INA216 Datasheet HTML 7Page - Texas Instruments INA216 Datasheet HTML 8Page - Texas Instruments INA216 Datasheet HTML 9Page - Texas Instruments INA216 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
100
80
60
40
20
0
20
40
60
80
100
-
-
-
-
-
Offset Voltage ( V)
m
11,604 Units Sampled
8
7
6
5
4
3
2
1
0
1
2
-
-
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
0.04
0.03
0.02
0.01
0
0.01
0.02
0.03
0.04
-
-
-
-
Eight Typical Units
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
16
14
12
10
8
6
4
2
0
I
B-
I
Q
-60 -40 -20
0
20
40
60
80
100 120 140 160
Temperature ( C)
°
55
45
35
25
15
5
5
-
100
1k
10k
100k
1M
Frequency (Hz)
V
= 10mV Sine
SENSE
INA216A1
INA216A3
INA216A2
INA216A4
INA216
SBOS503C
– JUNE 2010 – REVISED NOVEMBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
The INA216A1 is used for typical characteristic measurements at TA = +25°C, VS = +4.2V, unless otherwise noted.
INPUT OFFSET VOLTAGE PRODUCTION DISTRIBUTION
OFFSET VOLTAGE vs TEMPERATURE
Figure 1.
Figure 2.
COMMON-MODE REJECTION RATIO vs TEMPERATURE
GAIN ERROR vs TEMPERATURE
Figure 3.
Figure 4.
QUIESCENT CURRENT AND NEGATIVE INPUT BIAS
CURRENT vs TEMPERATURE
GAIN vs FREQUENCY
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): INA216



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com