Electronic Components Datasheet Search
  English  ▼

X  

ISO7342CDWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7342CDWR
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7342CDWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7342CDWR Datasheet HTML 17Page - Texas Instruments ISO7342CDWR Datasheet HTML 18Page - Texas Instruments ISO7342CDWR Datasheet HTML 19Page - Texas Instruments ISO7342CDWR Datasheet HTML 20Page - Texas Instruments ISO7342CDWR Datasheet HTML 21Page - Texas Instruments ISO7342CDWR Datasheet HTML 22Page - Texas Instruments ISO7342CDWR Datasheet HTML 23Page - Texas Instruments ISO7342CDWR Datasheet HTML 24Page - Texas Instruments ISO7342CDWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
INx
5 A
m
500 W
Input (Devices Without Suffix F)
Output
VCCI
VCCI
ENx
500 W
Enable
VCCO VCCO
VCCO
VCCI
5 A
m
OUTx
VCCO
40 W
INx
5 A
m
500 W
Input (Devices With Suffix F)
VCCI
VCCI
VCCI
VCCI
VCCO
21
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
www.ti.com
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC; PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.1 V); X = Irrelevant; H =
High level; L = Low level ; Z = High Impedance
(2)
In fail-safe condition, output defaults to high level
(3)
In fail-safe condition, output defaults to low level
9.4 Device Functional Modes
Table 1 lists the functional modes for the ISO734x family of devices.
Table 1. Function Table(1)
VCCI
VCCO
INPUT
(INx)
OUTPUT ENABLE
(ENx)
OUTPUT
(OUTx)
ISO734xC
ISO734xFC
PU
PU
H
H or Open
H
H
L
H or Open
L
L
X
L
Z
Z
Open
H or Open
H(2)
L(3)
PD
PU
X
H or Open
H(2)
L(3)
X
PU
X
L
Z
Z
X
PD
X
X
Undetermined
Undetermined
9.4.1 Device I/O Schematics
Figure 19. Device I/O Schematics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com